Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA0H474ZF Datasheet(PDF) 7 Page - Kemet Corporation

Part # FA0H474ZF
Description  Supercapacitors FA Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FA0H474ZF Datasheet(HTML) 7 Page - Kemet Corporation

Back Button FA0H474ZF Datasheet HTML 3Page - Kemet Corporation FA0H474ZF Datasheet HTML 4Page - Kemet Corporation FA0H474ZF Datasheet HTML 5Page - Kemet Corporation FA0H474ZF Datasheet HTML 6Page - Kemet Corporation FA0H474ZF Datasheet HTML 7Page - Kemet Corporation FA0H474ZF Datasheet HTML 8Page - Kemet Corporation FA0H474ZF Datasheet HTML 9Page - Kemet Corporation FA0H474ZF Datasheet HTML 10Page - Kemet Corporation FA0H474ZF Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
S6018_FA • 3/30/2017
Supercapacitors – FA Series
Measurement Conditions
Capacitance (Charge System)
Capacitanceiscalculatedfromexpression(9)bymeasuringthechargetimeconstant(τ)ofthecapacitor(C).Priorto
measurement, the capacitor is discharged by shorting both pins of the device for at least 30 minutes. In addition, use the polarity
indicator on the device to determine correct orientation of capacitor for charging.
Eo:
3.0 (V) Product with maximum operating voltage of 3.5 V
5.0 (V) Product with maximum operating voltage of 5.5 V
6.0 (V) Product with maximum operating voltage of 6.5 V
10.0 (V)Product with maximum operating voltage of 11 V
12.0 (V)Product with maximum operating voltage of 12 V
τ:
TimefromstartofcharginguntilVcbecomes0.632Eo(V)
(seconds)
Rc:
Seetablebelow(Ω).
Charge Resistor Selection Guide
Cap
FA
FE
FS
FY
FR
FM, FME
FMR, FML FMC
FG
FGR
FGH
FT
FC, FCS
HV
FYD FYH FYL
0.010 F
5,000Ω
5,000Ω
5,000Ω
0.022 F 1,000Ω
1,000Ω 2,000Ω 2,000Ω 2,000Ω 2,000Ω
2,000Ω
2,000Ω
Discharge
0.033 F
Discharge
0.047 F 1,000Ω 1,000Ω 1,000Ω 2,000Ω 1,000Ω 2,000Ω 1,000Ω
2,000Ω
1,000Ω 2,000Ω
0.10 F
510Ω 510Ω 510Ω 1,000Ω 510Ω
1,000Ω
1,000Ω
1,000Ω 1,000Ω Discharge 510Ω Discharge
0.22 F
200Ω 200Ω 200Ω 510Ω 510Ω
510Ω 0H: Discharge
0V:1,000Ω
1,000Ω Discharge 200Ω Discharge
0.33 F
Discharge
0.47 F
100Ω 100Ω 100Ω 200Ω 200Ω
200Ω
1,000Ω Discharge 100Ω Discharge
1.0 F
51Ω
51Ω 100Ω 100Ω 100Ω
100Ω
510Ω Discharge 100Ω Discharge Discharge
1.4 F
200Ω
1.5 F
51Ω
510Ω
2.2 F
100Ω
200Ω
51Ω
2.7 F
Discharge
3.3 F
51Ω
4.7 F
100Ω
Discharge
5.0 F
100Ω
5.6 F
20Ω
10.0 F
Discharge
22.0 F
Discharge
50.0 F
Discharge
100.0 F
Discharge
200.0 F
Discharge
*Capacitance values according to the constant current discharge method.
*HV Series capacitance is measured by discharge system
Vc
Rc
Switch
C
+
Eo
Capacitance:
C =
τ
(F) (9)
Rc


Similar Part No. - FA0H474ZF

ManufacturerPart #DatasheetDescription
logo
NEC
FA0H474ZF NEC-FA0H474ZF Datasheet
476Kb / 39P
   Super Capacitors
More results

Similar Description - FA0H474ZF

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
FS0H104ZF KEMET-FS0H104ZF Datasheet
766Kb / 14P
   Supercapacitors FS Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com