Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603X393JCGACAUTO Datasheet(PDF) 11 Page - Kemet Corporation

Part # C0603X393JCGACAUTO
Description  High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603X393JCGACAUTO Datasheet(HTML) 11 Page - Kemet Corporation

Back Button C0603X393JCGACAUTO Datasheet HTML 7Page - Kemet Corporation C0603X393JCGACAUTO Datasheet HTML 8Page - Kemet Corporation C0603X393JCGACAUTO Datasheet HTML 9Page - Kemet Corporation C0603X393JCGACAUTO Datasheet HTML 10Page - Kemet Corporation C0603X393JCGACAUTO Datasheet HTML 11Page - Kemet Corporation C0603X393JCGACAUTO Datasheet HTML 12Page - Kemet Corporation C0603X393JCGACAUTO Datasheet HTML 13Page - Kemet Corporation C0603X393JCGACAUTO Datasheet HTML 14Page - Kemet Corporation C0603X393JCGACAUTO Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1081_C0G_HV_FT_AUTO_SMD • 6/8/2017
11
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
Table 3 – Chip Capacitor Land Pattern Design Recommendations per IPC–7351
EIA
Size
Code
Metric
Size
Code
Density Level A:
Maximum (Most)
Land Protrusion (mm)
Density Level B:
Median (Nominal)
Land Protrusion (mm)
Density Level C:
Minimum (Least)
Land Protrusion (mm)
C
Y
X
V1
V2
C
Y
X
V1
V2
C
Y
X
V1
V2
0603
1608
0.90
1.15
1.10
4.00
2.10
0.80
0.95
1.00
3.10
1.50
0.60
0.75
0.90
2.40
1.20
0805
2012
0.99
1.44
1.66
4.47
2.71
0.89
1.24
1.56
3.57
2.11
0.79
1.04
1.46
2.42
1.81
1206
3216
1.59
1.62
2.06
5.85
3.06
1.49
1.42
1.96
4.95
2.46
1.39
1.22
1.86
4.25
2.16
1210
3225
1.59
1.62
3.01
5.90
4.01
1.49
1.42
2.91
4.95
3.41
1.39
1.22
2.81
4.25
3.11
1808
4520
2.30
1.75
2.30
7.40
3.30
2.20
1.55
2.20
6.50
2.70
2.10
1.35
2.10
5.80
2.40
1812
4532
2.10
1.80
3.60
7.00
4.60
2.00
1.60
3.50
6.10
4.00
1.90
1.40
3.40
5.40
3.70
1825
4564
2.15
1.80
6.90
7.10
7.90
2.05
1.60
6.80
6.20
7.30
1.95
1.40
6.70
5.50
7.00
2220
5650
2.85
2.10
5.50
8.80
6.50
2.75
1.90
5.40
7.90
5.90
2.65
1.70
5.30
7.20
5.60
2225
5664
2.85
2.10
6.90
8.80
7.90
2.75
1.90
6.80
7.90
7.30
2.65
1.70
6.70
7.20
7.00
Density Level A: For low-density product applications. Recommended for wave solder applications and provides a wider process window for reflow
solder processes. KEMET only recommends wave soldering of EIA 0603, 0805 and 1206 case sizes.
Density Level B: For products with a moderate level of component density. Provides a robust solder attachment condition for reflow solder processes.
Density Level C: For high component density product applications. Before adapting the minimum land pattern variations the user should perform
qualification testing based on the conditions outlined in IPC Standard 7351 (IPC–7351).
Image below based on Density Level B for an EIA 1210 case size.
Y
C
C
X
X
V1
V2
Grid Placement Courtyard
Y


Similar Part No. - C0603X393JCGACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603X393JCGACTU KEMET-C0603X393JCGACTU Datasheet
825Kb / 23P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
2/28/2023
More results

Similar Description - C0603X393JCGACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO Datasheet
1Mb / 21P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1812X104KDRACTU KEMET-C1812X104KDRACTU Datasheet
2Mb / 21P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1206X102KGRACTU KEMET-C1206X102KGRACTU Datasheet
715Kb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1210X154KCRACTU KEMET-C1210X154KCRACTU Datasheet
1Mb / 22P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C2225X393JCGACTU KEMET-C2225X393JCGACTU_V01 Datasheet
825Kb / 23P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
2/28/2023
C2225Y393JCGACTU KEMET-C2225Y393JCGACTU Datasheet
907Kb / 24P
   Floating Electrode (FF-CAP), High Voltage with Flexible Termination C0G Dielectric, 500 – 3,000 VDC (Commercial & Automotive Grade)
2/16/2023
C2225X393JCGACTU KEMET-C2225X393JCGACTU Datasheet
832Kb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500VDC - 3000VDC (Commercial & Automotive Grade)
C1210C32JCGACAUTO KEMET-C1210C32JCGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C332JCGACAUTO KEMET-C1210C332JCGACAUTO_V01 Datasheet
803Kb / 22P
   High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com