Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2220X393GCGACAUTO Datasheet(PDF) 2 Page - Kemet Corporation

Part # C2220X393GCGACAUTO
Description  High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2220X393GCGACAUTO Datasheet(HTML) 2 Page - Kemet Corporation

  C2220X393GCGACAUTO Datasheet HTML 1Page - Kemet Corporation C2220X393GCGACAUTO Datasheet HTML 2Page - Kemet Corporation C2220X393GCGACAUTO Datasheet HTML 3Page - Kemet Corporation C2220X393GCGACAUTO Datasheet HTML 4Page - Kemet Corporation C2220X393GCGACAUTO Datasheet HTML 5Page - Kemet Corporation C2220X393GCGACAUTO Datasheet HTML 6Page - Kemet Corporation C2220X393GCGACAUTO Datasheet HTML 7Page - Kemet Corporation C2220X393GCGACAUTO Datasheet HTML 8Page - Kemet Corporation C2220X393GCGACAUTO Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1081_C0G_HV_FT_AUTO_SMD • 6/8/2017
2
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
Packaging C-Spec Ordering Options Table
Packaging Type1
Packaging/Grade
Ordering Code (C-Spec)
Commercial Grade1
Bulk Bag
Not required (Blank)
7" Reel/Unmarked
TU
13" Reel/Unmarked
7411 (EIA 0603 and smaller case sizes)
7210 (EIA 0805 and larger case sizes)
7" Reel/Unmarked/2mm pitch2
7081
13" Reel/Unmarked/2mm pitch2
7082
Automotive Grade3
7" Reel
AUTO
13" Reel/Unmarked
AUTO7411 (EIA 0603 and smaller case sizes)
AUTO7210 (EIA 0805 and larger case sizes)
7" Reel/Unmarked/2mm pitch2
3190
13" Reel/Unmarked/2mm pitch2
3191
1
Default packaging is “Bulk Bag”. An ordering code C-Spec is not required for “Bulk Bag” packaging.
1
The terms “Marked” and “Unmarked” pertain to laser marking option of capacitors. All packaging options labeled as “Unmarked” will contain
capacitors that have not been laser marked. The option to laser mark is not available on these devices. For more information see “Capacitor Marking”.
2
The 2mm pitch option allows for double the packaging quantity of capacitors on a given reel size. This option is limited to EIA 0603 (1608 metric) case
size devices. For more information regarding 2mm pitch option see “Tape & Reel Packaging Information”.
3
Reeling tape options (Paper or Plastic) are dependent on capacitor case size (L” x W”) and thickness dimension. See “Chip Thickness/Tape & Reel
Packaging Quantities” and “Tape & Reel Packaging Information”.
3
For additional Information regarding “AUTO” C-Spec options, see “Automotive C-Spec Information”.
3
All Automotive packaging C-Specs listed exclude the option to laser mark components. The option to laser mark is not available on these devices. For
more information see “Capacitor Marking”.
Benefits
• AEC–Q200 automotive qualified
• −55°C to +125°C operating temperature range
• Superior flex performance (up to 5mm)
• Lead (Pb)-Free, RoHS and REACH compliant
• EIA 0603, 0805, 1206, 1210, 1808, 1812, 1825, 2220
and 2225 case sizes
• DC voltage ratings of 500 V, 630 V, 1 KV, 1.5 KV, 2 KV,
2.5 KV and 3 KV
• Capacitance offerings ranging from 1 pF to 39 nF
• Available capacitance tolerances of ±0.10 pF, ±0.25 pF,
±0.5 pF, ±1%, ±2%, ±5%, ±10% and ±20%
• No piezoelectric noise
• Extremely low ESR and ESL
• High thermal stability
• High ripple current capability
• Preferred capacitance solution at line frequencies
and into the MHz range
• No capacitance change with respect to applied
rated DC voltage
• Negligible capacitance change with respect to
temperature from −55°C to +125°C
• No capacitance decay with time
• Non-polar device, minimizing installation concerns
• 100% pure matte tin-plated termination finish
allowing for excellent solderability
Applications
Typical applications include switch mode power supplies (input filters, resonators, tank circuits, snubbed circuits, output
filters), high voltage coupling and DC blocking, lighting ballasts, voltage multiplier circuits, DC/DC converters and coupling
capacitors in Ćuk converters. Markets include power supply, LCD fluorescent backlight ballasts, HID lighting, telecom
equipment, industrial and medical equipment/control, LAN/WAN interface, analog and digital modems, and automotive.


Similar Part No. - C2220X393GCGACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2220X393GCGACAUTO KEMET-C2220X393GCGACAUTO Datasheet
1Mb / 21P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
More results

Similar Description - C2220X393GCGACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO Datasheet
1Mb / 21P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1812X104KDRACTU KEMET-C1812X104KDRACTU Datasheet
2Mb / 21P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1206X102KGRACTU KEMET-C1206X102KGRACTU Datasheet
715Kb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1210X154KCRACTU KEMET-C1210X154KCRACTU Datasheet
1Mb / 22P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C2225X393JCGACTU KEMET-C2225X393JCGACTU_V01 Datasheet
825Kb / 23P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
2/28/2023
C2225Y393JCGACTU KEMET-C2225Y393JCGACTU Datasheet
907Kb / 24P
   Floating Electrode (FF-CAP), High Voltage with Flexible Termination C0G Dielectric, 500 – 3,000 VDC (Commercial & Automotive Grade)
2/16/2023
C2225X393JCGACTU KEMET-C2225X393JCGACTU Datasheet
832Kb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500VDC - 3000VDC (Commercial & Automotive Grade)
C1210C32JCGACAUTO KEMET-C1210C32JCGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C332JCGACAUTO KEMET-C1210C332JCGACAUTO_V01 Datasheet
803Kb / 22P
   High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com