Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

400LMMT Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # 400LMMT
Description  400-900A, 240 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

400LMMT Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  400LMMT Datasheet HTML 1Page - Cooper Bussmann, Inc. 400LMMT Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semiconductor Fuse
6-900A, 240 Volts
BIF Document
35785295
Size
Prospective Short-Circuit Current Symmetrical RMS
10
1
10
2
26
42
4
6
10
3
24
6
10
4
24
6
10
5
10
–1
6
2
4
2
10
–2
4
6
2
10
3
6
4
10
4
6
4
2
2
10
5
SYMMETRICAL FAULT
FULLY ASYMMETRICAL FAULT
20LCT
16LCT
12LCT
10LCT
6LCT
25LET
32LET
35LET
50LET
63LET
80LET
125 & 100LET
160LET & LMT
200LMT
180LET
250LMT
315LMT
355LMT
400 & 500LMMT
450LMT
630LMMT
710LMMT
800LMMT
900LMMT
Peak Let-Through
Cut-Off Current Characteristic Curves
LCT-LET-LMT-LMMT SERIES
Approved:
NN
Rev. Date:
SEPT-97
Page
2 of 2
Pub. Date:
JAN-98
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this BIF document are by definition
uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann
reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to
change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
1-17-01
SB00233


Similar Part No. - 400LMMT

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
400LMMT COOPER-400LMMT Datasheet
49Kb / 2P
   Electrical Characteristics, Total Clearing I2t, Arc Voltage, Power Losses
More results

Similar Description - 400LMMT

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
P2H30F4 NI-P2H30F4_15 Datasheet
206Kb / 2P
   30A Avg 400 Volts
logo
Microdiode Electronics ...
MUR1040CT CHENDA-MUR1040CT Datasheet
1Mb / 2P
   400 Volts Forward Current -
logo
National Instruments Co...
P2H80F4 NI-P2H80F4_15 Datasheet
208Kb / 2P
   80A Avg 400 Volts
logo
Nihon Inter Electronics...
PFT814N NIEC-PFT814N_1 Datasheet
213Kb / 3P
   80A Avg 400 Volts
PFT1014N NIEC-PFT1014N_1 Datasheet
202Kb / 3P
   100A Avg 400 Volts
logo
National Instruments Co...
PC50F4 NI-PC50F4_15 Datasheet
219Kb / 2P
   50A Avg 400 Volts
P2H60F4 NI-P2H60F4_15 Datasheet
207Kb / 2P
   60A Avg 400 Volts
logo
Cooper Bussmann, Inc.
25LET COOPER-25LET Datasheet
38Kb / 2P
   25-180A, 240 Volts
160LMT COOPER-160LMT Datasheet
40Kb / 2P
   160-450A, 240 Volts
logo
Nihon Inter Electronics...
PHM8001 NIEC-PHM8001 Datasheet
130Kb / 4P
   MOSFET MODULE Single 900A/150A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com