Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C320C103K2R5TA Datasheet(PDF) 1 Page - Kemet Corporation

Part # C320C103K2R5TA
Description  Ceramic, GoldMax, 0.01 uF, 10%, 200 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C320C103K2R5TA Datasheet(HTML) 1 Page - Kemet Corporation

  C320C103K2R5TA Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/20/2017 - 0400d3bb-f92b-4580-8989-5f8b380f62c1
KEMET Part Number: C320C103K2R5TA
Ceramic, GoldMax, 0.01 uF, 10%, 200 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
Dimensions
L
5.08mm MAX
H
5.84mm MAX
T
3.18mm MAX
S
2.54mm +/-0.78mm
LL
7mm MIN
F
0.51mm +0.1/-0.025mm
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 500
General Information
Style: Radial
Series: GoldMax
Description: GoldMax, Commercial Standard
RoHS: Yes
Termination: Tin
Failure Rate: N/A
Halogen Free: Yes
Specifications
Capacitance: 0.01 uF
Capacitance Tolerance: 10%
Voltage DC: 200 VDC
Dielectric Withstanding
Voltage: 500 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5% 25C
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C320C103K2R5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320C103K1R5TA KEMET-C320C103K1R5TA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C320C103K5R5TA KEMET-C320C103K5R5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm X7R, Ceramic, 0.01 uF, 10%, 50 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
More results

Similar Description - C320C103K2R5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C315C103K5R5TA7301 KEMET-C315C103K5R5TA7301 Datasheet
56Kb / 1P
   Ceramic, GoldMax, 0.01 uF, 10%, 50 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
C330C103KHR5TA KEMET-C330C103KHR5TA Datasheet
55Kb / 1P
   Ceramic, GoldMax, 0.01 uF, 10%, 3,000 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C317C103K5R5TA KEMET-C317C103K5R5TA Datasheet
55Kb / 1P
   Ceramic, GoldMax, 0.01 uF, 10%, 50 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C320C103MCR5TA KEMET-C320C103MCR5TA Datasheet
55Kb / 1P
   Ceramic, GoldMax, 0.01 uF, 20%, 500 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
C330C103K5R5TA KEMET-C330C103K5R5TA Datasheet
55Kb / 1P
   Ceramic, GoldMax, 0.01 uF, 10%, 50 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C320C103K5R5TA KEMET-C320C103K5R5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm X7R, Ceramic, 0.01 uF, 10%, 50 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
C322C103K1R5TA KEMET-C322C103K1R5TA Datasheet
55Kb / 1P
   Ceramic, GoldMax, 0.01 uF, 10%, 100 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C322C103KDR5TA KEMET-C322C103KDR5TA Datasheet
55Kb / 1P
   Ceramic, GoldMax, 0.01 uF, 10%, 1,000 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C330C223K2R5TA KEMET-C330C223K2R5TA Datasheet
55Kb / 1P
   Ceramic, GoldMax, 0.022 uF, 10%, 200 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C330C473K2R5TA KEMET-C330C473K2R5TA Datasheet
56Kb / 1P
   Ceramic, GoldMax, 0.047 uF, 10%, 200 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com