Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N79E352APG Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # N79E352APG
Description  8-BIT MICROCONTROLLER
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N79E352APG Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button N79E352APG Datasheet HTML 7Page - List of Unclassifed Manufacturers N79E352APG Datasheet HTML 8Page - List of Unclassifed Manufacturers N79E352APG Datasheet HTML 9Page - List of Unclassifed Manufacturers N79E352APG Datasheet HTML 10Page - List of Unclassifed Manufacturers N79E352APG Datasheet HTML 11Page - List of Unclassifed Manufacturers N79E352APG Datasheet HTML 12Page - List of Unclassifed Manufacturers N79E352APG Datasheet HTML 13Page - List of Unclassifed Manufacturers N79E352APG Datasheet HTML 14Page - List of Unclassifed Manufacturers N79E352APG Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 135 page
background image
Preliminary N79E352/N79E352R Data Sheet
Publication Release Date: Jul, 29, 2009
- 11 -
Revision A06
6. FUNCTIONAL DESCRIPTION
N79E352(R) architecture consist of a 4T 8051 core controller surrounded by various registers, 8K
bytes Flash EPROM, 256 bytes of RAM, 128 bytes NVM Data Flash EPROM; three timer/counters,
one UART serial port, one I2C serial port, eight keyboard interrupt input, 2-channel PWM with 8-bit
counter and Flash EPROM program by Writer.
6.1 On-Chip Flash EPROM
N79E352(R) includes one 8K bytes of main Flash EPROM for application program which need Writer
to program the Flash EPROM.
6.2 I/O Ports
N79E352(R) has four 8-bit, one 4-bit port and one 2-bit port, with at least 36 I/O pins. All ports (except
port 4) can be used as four outputs mode when it may set by PxM1.y and PxM2.y registers, it has
strong pull-ups and pull-downs, and does not need any external pull-ups. Otherwise it can be used as
general I/O port as open drain circuit. All ports can be used bi-directional and these are as I/O ports.
These ports are not true I/O, but rather are pseudo-I/O ports. This is because these ports have strong
pull-downs and weak pull-ups.
6.3 Serial I/O
N79E352(R) has one UART serial port that is functionally similar to the serial port of the original 8052
family. However the serial port on N79E352(R) can operate in different modes in order to obtain timing
similarity as well. The Serial port has the enhanced features of Automatic Address recognition and
Frame Error detection.
6.4 Timers
The device has total three 16-bit timers; two 16-bit timers that have functions similar to the timers of
the 8052 family, and third timer is capable to function as timer and also provide capture support. When
used as timers, user has a choice to set 12 or 4 clocks per count that emulates the timing of the
original 8052. Each timer’s count value is stored in two SFR locations that can be written or read by
software. There are also some other SFRs associated with the timers that control their mode and
operation.
6.5 Interrupts
The Interrupt structure in N79E352(R) is slightly different from that of the standard 8052. Due to the
presence of additional features and peripherals, the number of interrupt sources and vectors has been
increased.
6.6 Data Pointers
The original 8052 had only one 16-bit Data Pointer (DPL, DPH). In the N79E352(R), there is an
additional 16-bit Data Pointer (DPL1, DPH1). This new Data Pointer uses two SFR locations which
were unused in the original 8052. In addition there is an added instruction, DEC DPTR (op-code A5H),
which helps in improving programming flexibility for the user.
6.7 Architecture
N79E352(R) is based on the standard 8052 device. It is built around an 8-bit ALU that uses internal
registers for temporary storage and control of the peripheral devices. It can execute the standard 8052
instruction set.


Similar Part No. - N79E352APG

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N79E352APG NUVOTON-N79E352APG Datasheet
2Mb / 135P
   8-BIT MICROCONTROLLER
More results

Similar Description - N79E352APG

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com