Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N76E003 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # N76E003
Description  Microcontroller
Download  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N76E003 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button N76E003 Datasheet HTML 5Page - List of Unclassifed Manufacturers N76E003 Datasheet HTML 6Page - List of Unclassifed Manufacturers N76E003 Datasheet HTML 7Page - List of Unclassifed Manufacturers N76E003 Datasheet HTML 8Page - List of Unclassifed Manufacturers N76E003 Datasheet HTML 9Page - List of Unclassifed Manufacturers N76E003 Datasheet HTML 10Page - List of Unclassifed Manufacturers N76E003 Datasheet HTML 11Page - List of Unclassifed Manufacturers N76E003 Datasheet HTML 12Page - List of Unclassifed Manufacturers N76E003 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 267 page
background image
N76E003 Datasheet
Jun 26, 2017
Page 9 of 267
Rev. 1.02
3. BLOCK DIAGRAM
Figure 3-1 shows the N76E003 functional block diagram and gives the outline of the device. User can
find all the peripheral functions of the device in the diagram.
1T High
Performance
8051 Core
Max. 18K Bytes
APROM Flash
256 Bytes
Internal RAM
768 Bytes
XRAM
(Auxiliary RAM)
P0
P1
P2
P3
PWM
Watchdog Timer
Clock Divider
Serial Ports
(UARTs)
Timer 0/1
Power-on Reset
and Brown-out
Detection
I
2C
P0[7:0]
P1[7:0]
P20
P30
INT1 (P1.7)
INT0 (P3.0)
RXD (P0.7 or P0.6)
TXD (P0.6 or P0.7)
SDA (P1.4 or P1.6)
SCL (P1.3 or P0.2)
PWM0~PWM5
(P1.5, P1.4, P1.2, P1.1, P1.0, P0.0,
P0.1, P0[3:5])
External Interrupt
T1 (P0.0)
T0 (P0.5)
VDD
GND
16 MHz/10 kHz
Internal RC
Oscillator
RST
8
8
1
System Clock
Power
Managment
10
Pin Interrupt
Any Port
8
Timer 2
with
Input Capture
IC0~IC7
(P1.5, P1[2:0], P0.0, P0.1, P0[5:3])
[1] P2.0 is shared with RST.
[2] P3.0 is shared with XIN.
RXD_1 (P0.2)
TXD_1 (P1.6)
FB (P1.4)
SPI
MISO (P0.1)
MOSI (P0.0)
SPCLK (P1.0)
SS (P1.5)
12-bit ADC
AIN0~7 (P1.7, P3.0, P0[7:3], P0.1)
8
STADC (P1.3 or P0.4)
Self Wake-up
Timer
Max. 4K Bytes
LDROM Flash
Timer 3
[1]
[1]
XIN
[2]
[2]
9
1
Figure 3-1. Functional Block Diagram


Similar Part No. - N76E003

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N76E003 NUVOTON-N76E003 Datasheet
4Mb / 276P
   Nuvoton 1T 8051-based Microcontroller
N76E003 NUVOTON-N76E003 Datasheet
4Mb / 273P
   Nuvoton 1T 8051-based Microcontroller
N76E003 NUVOTON-N76E003 Datasheet
4Mb / 276P
   Nuvoton 1T 8051-based Microcontroller
N76E003AQ20 NUVOTON-N76E003AQ20 Datasheet
4Mb / 276P
   Nuvoton 1T 8051-based Microcontroller
N76E003AQ20 NUVOTON-N76E003AQ20 Datasheet
4Mb / 273P
   Nuvoton 1T 8051-based Microcontroller
More results

Similar Description - N76E003

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com