Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE8000EM8X Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # ACE8000EM8X
Description  ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE8000EM8X Datasheet(HTML) 4 Page - Fairchild Semiconductor

  ACE8000EM8X Datasheet HTML 1Page - Fairchild Semiconductor ACE8000EM8X Datasheet HTML 2Page - Fairchild Semiconductor ACE8000EM8X Datasheet HTML 3Page - Fairchild Semiconductor ACE8000EM8X Datasheet HTML 4Page - Fairchild Semiconductor ACE8000EM8X Datasheet HTML 5Page - Fairchild Semiconductor ACE8000EM8X Datasheet HTML 6Page - Fairchild Semiconductor ACE8000EM8X Datasheet HTML 7Page - Fairchild Semiconductor ACE8000EM8X Datasheet HTML 8Page - Fairchild Semiconductor ACE8000EM8X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
www.fairchildsemi.com
ACE8001 Product Family Rev. B.2
ACE8001 DC Electrical Characteristics
VCC = 2.2 to 5.5V
All measurements valid for ambient operating temperature unless otherwise stated.
3 I
CC active current is dependent on the program code.
4 Based on a continuous IDLE looping program.
Symbol
Parameter
Conditions
MIN
TYP
MAX
Units
ICC
3
Supply Current –
no data EEPROM write in
progress
-40°C to +85°C
2.2V
2.7V
3.3V
5.5V
0.4
0.7
1.2
3.7
1.0
1.2
2.0
6.0
mA
mA
mA
mA
ICCH
HALT Mode current
3.3V @ -40°C to +85°C
100
5000
nA
5.5V @ -40°C to +85°C
0.7
25
µA
ICCL
4
IDLE Mode Current
3.3V
5.5V
120
140
200
350
µA
µA
VCCW
EEPROM Write Voltage
Code EEPROM in
Programming Mode
4.5
5.0
5.5
V
Data EEPROM in
Operating Mode
2.4
5.5
V
SVCC
Power Supply Slope
1µs/V
10ms/V
VIL
Input Low with Schmitt
Trigger Buffer
VCC = 2.2 -5.5V
0.2VCC
V
VIH
Input High with Schmitt
Trigger Buffer
VCC = 2.2V
VCC > 2.2V
0.9VCC
0.8VCC
V
V
IIP
Input Pull-up Current
VCC =5.5V, VIN =0V
30
65
350
µA
ITL
TRI-STATE Leakage
VCC =5.5V
2
200
nA
VOL
Output Low Voltage
VCC = 2.2V – 3.3V
G0, G1, G2, G4
3.0 mA sink
0.2VCC
V
G5
5.0 mA sink
0.2VCC
V
Output Low Voltage
VCC = 3.3V – 5.5V
G0, G1, G2, G4
5.0 mA sink
0.2VCC
V
G5
10.0 mA sink
0.2VCC
V
VOH
Output High Voltage
VCC = 2.2V – 5.5V
G0, G1, G2, G4
0.4 mA source
0.8VCC
V
G5
0.8 mA source
0.8VCC
V
Output High Voltage
VCC = 3.3V – 5.5V
G0, G1, G2, G4
0.4 mA source
0.8VCC
V
G5
1.0 mA source
0.8VCC
V


Similar Part No. - ACE8000EM8X

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE803N ACE-ACE803N Datasheet
651Kb / 8P
   Ultra Low Power Microprocessor Reset IC
VER 1.2
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
ACE809 ACE-ACE809 Datasheet
200Kb / 6P
   3-Pin Microprocessor Reset Circuits
VER 1.2
ACE809 ACE-ACE809 Datasheet
308Kb / 5P
   3-Pin Microprocessor Reset Circuits
VER 1.3
ACE809JBM+H ACE-ACE809JBM+H Datasheet
200Kb / 6P
   3-Pin Microprocessor Reset Circuits
VER 1.2
More results

Similar Description - ACE8000EM8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1101 FAIRCHILD-ACE1101 Datasheet
152Kb / 33P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
logo
Altera Corporation
EP1K50TC144-3N ALTERA-EP1K50TC144-3N Datasheet
1Mb / 86P
   ACEX 1K Programmable Logic Device Family
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
VTI technologies
SCA3100-D04-1 VTI-SCA3100-D04-1 Datasheet
936Kb / 43P
   Product Family Specification
logo
Samsung semiconductor
KLMAG2GEND-B031 SAMSUNG-KLMAG2GEND-B031 Datasheet
404Kb / 27P
   e쨌MMC Product family
logo
Infineon Technologies A...
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com