Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XZDGK54W-1 Datasheet(PDF) 1 Page - SunLED Corporation

Part # XZDGK54W-1
Description  Long life and robust package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZDGK54W-1 Datasheet(HTML) 1 Page - SunLED Corporation

  XZDGK54W-1 Datasheet HTML 1Page - SunLED Corporation XZDGK54W-1 Datasheet HTML 2Page - SunLED Corporation XZDGK54W-1 Datasheet HTML 3Page - SunLED Corporation XZDGK54W-1 Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Part Number: XZDGK54W-1
2.0x1.25mm SMD CHIP LED LAMP
Jul 06,2016
XDSB7014 V3-Z Layout: Maggie L.
P. 1/4
Features
● Ideal for indication light on hand held products
● Long life and robust package
● Standard Package: 2,000pcs/ Reel
● MSL (Moisture Sensitivity Level): 3
● RoHS compliant
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Package Schematics
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1(0.004") unless otherwise noted.
3. Specifications are subject to change without notice.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Wavelength
CIE127-2007*
λP nm
Viewing
Angle
2θ 1/2
min.
typ.
XZDGK54W-1
Green
InGaN
Water Clear
200*
347*
515*
140°
Luminous Intensity
CIE127-2007*
(IF=20mA) mcd
*Luminous intensity value and wavelength are in accordance with CIE127-2007 standards.
Absolute Maximum Ratings
(TA=25°C)
Green
(InGaN)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
150
mA
Power Dissipation
PD
102.5
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
450
V
Electrostatic Discharge Threshold
(HBM)
Green
(InGaN)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
3.3
V
Forward Voltage (Max.)
(IF=20mA)
VF
4.1
V
Reverse Current (Max.)
(VR=5V)
IR
50
uA
Wavelength of Peak
Emission CIE127-2007* (Typ.)
(IF=20mA)
λP
515*
nm
Wavelength of Dominant
Emission CIE127-2007* (Typ.)
(IF=20mA)
λD
525*
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
λ
35
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF
Operating Characteristics
(TA=25°C)
A Relative Humidity between 40% and 60% is recommended in
ESD-protected work areas to reduce static build up during assembly
process (Reference JEDEC/JESD625-A and JEDEC/J-STD-033)


Similar Part No. - XZDGK54W-1

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZDGK50W-2 SUNLED-XZDGK50W-2 Datasheet
285Kb / 4P
   Long life and robust package
XZDGK53W-1 SUNLED-XZDGK53W-1 Datasheet
260Kb / 4P
   Long life and robust package
XZDGK53W-3 SUNLED-XZDGK53W-3 Datasheet
270Kb / 4P
   Long life and robust package
XZDGK53W-6 SUNLED-XZDGK53W-6 Datasheet
278Kb / 4P
   Long life and robust package
XZDGK53W-8 SUNLED-XZDGK53W-8 Datasheet
307Kb / 4P
   Ideal for indication light on hand held products
More results

Similar Description - XZDGK54W-1

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZM2CRK55W-2 SUNLED-XZM2CRK55W-2 Datasheet
264Kb / 4P
   Long life and robust package
XZM2MRTNI55W-8 SUNLED-XZM2MRTNI55W-8 Datasheet
285Kb / 4P
   Long life and robust package
XZMDK53W-3 SUNLED-XZMDK53W-3 Datasheet
256Kb / 4P
   Long life and robust package
XZMDK56W SUNLED-XZMDK56W Datasheet
260Kb / 4P
   Long life and robust package
XZMDK81FS SUNLED-XZMDK81FS Datasheet
275Kb / 5P
   Long life and robust package
XZMDKDGK56W SUNLED-XZMDKDGK56W Datasheet
293Kb / 4P
   Long life and robust package
XZMER68W-3 SUNLED-XZMER68W-3 Datasheet
237Kb / 4P
   Long life and robust package
XZMOK56W SUNLED-XZMOK56W Datasheet
263Kb / 4P
   Long life and robust package
XZMYF151W SUNLED-XZMYF151W Datasheet
225Kb / 4P
   Long life and robust package
XZMOK81FS SUNLED-XZMOK81FS Datasheet
275Kb / 5P
   Long life and robust package
XZCBD53W-6 SUNLED-XZCBD53W-6 Datasheet
261Kb / 4P
   Long life and robust package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com