Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFB1224EH Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # FFB1224EH
Description  THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FFB1224EH Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  FFB1224EH Datasheet HTML 1Page - Delta Electronics, Inc. FFB1224EH Datasheet HTML 2Page - Delta Electronics, Inc. FFB1224EH Datasheet HTML 3Page - Delta Electronics, Inc. FFB1224EH Datasheet HTML 4Page - Delta Electronics, Inc. FFB1224EH Datasheet HTML 5Page - Delta Electronics, Inc. FFB1224EH Datasheet HTML 6Page - Delta Electronics, Inc. FFB1224EH Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image


Similar Part No. - FFB1224EH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FFB1224EH ETC2-FFB1224EH Datasheet
568Kb / 1P
   120 x 120 x 25.4 MM SERIES
logo
Delta Electronics, Inc.
FFB1224EH-R00 DELTA-FFB1224EH-R00 Datasheet
787Kb / 9P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
FFB1224EH-TZUK DELTA-FFB1224EH-TZUK Datasheet
903Kb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
logo
List of Unclassifed Man...
FFB1224EHE ETC2-FFB1224EHE Datasheet
69Kb / 1P
   120 x 120 x 38 MM SERIES
FFB1224EHE ETC2-FFB1224EHE Datasheet
462Kb / 1P
   DIMENSIONS DRAWING
More results

Similar Description - FFB1224EH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
FFB1212VHE-F00 DELTA-FFB1212VHE-F00 Datasheet
597Kb / 11P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
BFB0724L DELTA-BFB0724L Datasheet
780Kb / 7P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
EUB0424MD DELTA-EUB0424MD Datasheet
1Mb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
FFB0812VHE-F00 DELTA-FFB0812VHE-F00 Datasheet
609Kb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
GFC0812DS-CMA8 DELTA-GFC0812DS-CMA8 Datasheet
940Kb / 10P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
PFB0812GHE-F00 DELTA-PFB0812GHE-F00 Datasheet
593Kb / 7P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
PFB0612UHE-T50F DELTA-PFB0612UHE-T50F Datasheet
770Kb / 9P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
PFB0412EHN-TP06 DELTA-PFB0412EHN-TP06 Datasheet
1Mb / 9P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
GFC0412DG-CMA4 DELTA-GFC0412DG-CMA4 Datasheet
971Kb / 10P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
GFM0412SS-BL4F DELTA-GFM0412SS-BL4F Datasheet
1Mb / 10P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
PFB0924DHE-R00 DELTA-PFB0924DHE-R00 Datasheet
537Kb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com