Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

430P823X9100 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 430P823X9100
Description  Metalized Polyester Film Capacitors Wrap-and-Fill
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

430P823X9100 Datasheet(HTML) 3 Page - Vishay Siliconix

  430P823X9100 Datasheet HTML 1Page - Vishay Siliconix 430P823X9100 Datasheet HTML 2Page - Vishay Siliconix 430P823X9100 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Document Number: 42025
Revision 13-Nov-03
www.vishay.com
76
Type 430P
Vishay Sprague
For technical questions, contact spresale@vishay.com
STANDARD RATINGS in inches [millimeters]
PART NUMBER
± 10% TOLERANCE
± 5% TOLERANCE
D
LEAD
AWG NO.
L
CAPACITANCE
(
µF)
400 WVDC
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.10*
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.5
2.0
430P153X9400
430P183X9400
430P223X9400
430P273X9400
430P333X9400
430P393X9400
430P473X9400
430P563X9400
430P683X9400
430P823X9400
430P104X9400
430P124X9400
430P154X9400
430P184X9400
430P224X9400
430P274X9400
430P334X9400
430P394X9400
430P474X9400
430P564X9400
430P684X9400
430P824X9400
430P105X9400
430P155X9400
430P205X9400
430P153X5400
430P183X5400
430P223X5400
430P273X5400
430P333X5400
430P393X5400
430P473X5400
430P563X5400
430P683X5400
430P823X5400
430P104X5400
430P124X5400
430P154X5400
430P184X5400
430P224X5400
430P274X5400
430P334X5400
430P394X5400
430P474X5400
430P564X5400
430P684X5400
430P824X5400
430P105X5400
430P155X5400
430P205X5400
0.186 [4.72]
0.197 [5.00]
0.210 [5.33]
0.224 [5.69]
0.241 [6.12]
0.256 [6.50]
0.275 [6.99]
0.248 [6.30]
0.266 [6.76]
0.286 [7.26]
0.310 [7.87]
0.268 [6.81]
0.293 [7.44]
0.315 [8.00]
0.342 [8.69]
0.322 [8.18]
0.350 [8.89]
0.337 [8.56]
0.364 [9.25]
0.393 [9.98]
0.402 [10.21]
0.434 [11.02]
0.472 [11.99]
0.563 [14.30]
0.640 [16.26]
0.625 [15.88]
0.625 [15.88]
0.625 [15.88]
0.625 [15.88]
0.625 [15.88]
0.625 [15.88]
0.625 [15.88]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.250 [31.75]
1.250 [31.75]
1.500 [38.10]
1.500 [38.10]
1.500 [38.10]
1.750 [44.45]
1.750 [44.45]
1.750 [44.45]
1.750 [44.45]
1.750 [44.45]
22
22
22
22
22
22
20
22
22
20
20
22
20
20
20
20
20
20
20
20
20
20
20
20
20
600 WVDC
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.10*
0.12
0.15
0.18
0.22*
0.27
0.33
0.39
0.47*
0.56
0.68
430P472X9600
430P562X9600
430P682X9600
430P822X9600
430P103X9600
430P123X9600
430P153X9600
430P183X9600
430P223X9600
430P273X9600
430P333X9600
430P393X9600
430P473X9600
430P563X9600
430P683X9600
430P823X9600
430P104X9600
430P124X9600
430P154X9600
430P184X9600
430P224X9600
430P274X9600
430P334X9600
430P394X9600
430P474X9600
430P564X9600
430P684X9600
430P472X5600
430P562X5600
430P682X5600
430P822X5600
430P103X5600
430P123X5600
430P153X5600
430P183X5600
430P223X5600
430P273X5600
430P333X5600
430P393X5600
430P473X5600
430P563X5600
430P683X5600
430P823X5600
430P104X5600
430P124X5600
430P154X5600
430P184X5600
430P224X5600
430P274X5600
430P334X5600
430P394X5600
430P474X5600
430P564X5600
430P684X5600
0.187 [4.75]
0.197 [5.00]
0.209 [5.31]
0.223 [5.66]
0.239 [6.07]
0.255 [6.48]
0.224 [5.69]
0.239 [6.07]
0.257 [6.53]
0.278 [7.06]
0.300 [7.62]
0.251 [6.38]
0.269 [6.83]
0.288 [7.32]
0.311 [7.90]
0.336 [8.53]
0.365 [9.27]
0.335 [8.51]
0.368 [9.35]
0.354 [8.99]
0.385 [9.78]
0.421 [10.69]
0.428 [10.87]
0.459 [11.66]
0.497 [12.62]
0.537 [13.64]
0.585 [14.86]
0.625 [15.88]
0.625 [15.88]
0.625 [15.88]
0.625 [15.88]
0.625 [15.88]
0.625 [15.88]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.250 [31.75]
1.250 [31.75]
1.500 [38.10]
1.500 [38.10]
1.500 [38.10]
1.750 [44.45]
1.750 [44.45]
1.750 [44.45]
1.750 [44.45]
1.750 [44.45]
22
22
22
22
22
22
22
22
22
20
20
22
22
20
20
20
20
20
20
20
20
20
20
20
20
20
20
* These ratings are stocked.
ORDERING INFORMATION
430P
TYPE
124
CAPACITANCE
This is expressed in
picofarads. The first two digits
are the significant figures. The
third is the number of zeros to
follow. Values must conform to
the decade rating for the
tolerance specified.
X9
CAPACITANCE
TOLERANCE
X0 = ± 20%
X9 = ± 10%
X5 = ± 5%
050
DC VOLTAGE RATING
This is expressed
in volts. To complete
the three-digit block,
zeros precede the
voltage rating.
CASE SIZE


Similar Part No. - 430P823X9100

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
430P183X0100XF EXXELIA-430P183X0100XF Datasheet
623Kb / 5P
   High Discharge Rate Energy-Storage Metalized-Film Capacitors
430P183X0100XF EXXELIA-430P183X0100XF Datasheet
947Kb / 6P
   Metal-Case Subminiature 10 Ampere Thru-Pass Paper Capacitors
430P183X0100XF EXXELIA-430P183X0100XF Datasheet
801Kb / 6P
   Metal-Case Metalized Paper / Polyester FILM Capacitors
430P183X0100XF EXXELIA-430P183X0100XF Datasheet
1Mb / 8P
   Paper / Polyester Dielectric Extended Foil Electrodes
430P183X0100XF EXXELIA-430P183X0100XF Datasheet
1Mb / 8P
   Paper / Polyester Dielectric Extended Foil Electrodes
More results

Similar Description - 430P823X9100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
632P VISHAY-632P Datasheet
50Kb / 5P
   Film Capacitors Metalized Polycarbonate, Wrap-and-Fill
Revision 04-Dec-03
732P VISHAY-732P Datasheet
40Kb / 1P
   Film Capacitors Metalized Polypropylene, Wrap-and-Fill
Revision 17-Nov-03
V-430P VISHAY-V-430P Datasheet
70Kb / 4P
   Metallized Polyester Film Capacitors, Wrap-and-Fill
Revision: 12-Mar-09
735P VISHAY-735P Datasheet
81Kb / 3P
   Film Capacitors High Current, Wrap-and-Fill, Metalized Polypropylene
Revision 17-Nov-03
730P224X9100 VISHAY-730P224X9100 Datasheet
81Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 07-Feb-07
V-730P VISHAY-V-730P Datasheet
173Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 16-Nov-07
V-735P VISHAY-V-735P Datasheet
77Kb / 3P
   Film Capacitors, High Current, Wrap-and-Fill, Metallized Polypropylene
Revision: 12-Mar-09
logo
Surge Components
SAM SURGE-SAM Datasheet
134Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM
SAMR SURGE-SAMR Datasheet
142Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SAPR SURGE-SAPR Datasheet
131Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com