Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A6810 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part No. A6810
Description  DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6810 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A6810 Datasheet HTML 1Page - Allegro MicroSystems A6810 Datasheet HTML 2Page - Allegro MicroSystems A6810 Datasheet HTML 3Page - Allegro MicroSystems A6810 Datasheet HTML 4Page - Allegro MicroSystems A6810 Datasheet HTML 5Page - Allegro MicroSystems A6810 Datasheet HTML 6Page - Allegro MicroSystems A6810 Datasheet HTML 7Page - Allegro MicroSystems A6810 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
6810
10-BIT SERIAL-INPUT,
LATCHED SOURCE DRIVER
www.allegromicro.com
TIMING REQUIREMENTS and SPECIFICATIONS
(Logic Levels are VDD and Ground)
Serial Data present at the input is transferred to the shift
register on the logic “0” to logic “1” transition of the CLOCK
input pulse. On succeeding CLOCK pulses, the registers shift
data information towards the SERIAL DATA OUTPUT. The
SERIAL DATA must appear at the input prior to the rising edge
of the CLOCK input waveform.
Information present at any register is transferred to the
respective latch when the STROBE is high (serial-to-parallel
conversion). The latches will continue to accept new data as
long as the STROBE is held high. Applications where the
latches are bypassed (STROBE tied high) will require that the
BLANKING input be high during serial data entry.
When the BLANKING input is high, the output source
drivers are disabled (OFF); the pnp active pull-down sink
drivers are ON. The information stored in the latches is not
affected by the BLANKING input. With the BLANKING input
low, the outputs are controlled by the state of their respective
latches.
CLOCK
SERIAL
DATA IN
STROBE
BLANKING
OUTN
Dwg. WP-029
50%
SERIAL
DATA OUT
DATA
DATA
10%
90%
50%
50%
50%
C
A
B
D
E
LOW = ALL OUTPUTS ENABLED
p(STH-QL)
t
p(CH-SQX)
t
DATA
p(STH-QH)
t
BLANKING
OUTN
Dwg. WP-030A
DATA
10%
50%
en(BQ)
t
dis(BQ)
t
HIGH = ALL OUTPUTS BLANKED (DISABLED)
r
t
f
t
50%
90%
A. Data Active Time Before Clock Pulse
(Data Set-Up Time), tsu(D) ......................................... 25 ns
B. Data Active Time After Clock Pulse
(Data Hold Time), th(D) ............................................... 25 ns
C. Clock Pulse Width, tw(CH) ............................................... 50 ns
D. Time Between Clock Activation and Strobe, tsu(C) ....... 100 ns
E. Strobe Pulse Width, tw(STH) ............................................. 50 ns
NOTE – Timing is representative of a 10 MHz clock. Higher
speeds may be attainable; operation at high temperatures will
reduce the specified maximum clock frequency.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn