Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1404 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE1404
Description  Integrated Circuit TV Sound IF Amplifier, Detector, AF Output Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1404 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1404 Datasheet HTML 1Page - NTE Electronics NTE1404 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1404
Integrated Circuit
TV Sound IF Amplifier, Detector, AF Output Circuit
Description:
The NTE1404 is an integrated circuit in a 16–Lead DIP w/Fin type package designed for use as a TV
sound signal processing circuit.
Features:
D Provides Total TV Sound Signal Processing Circuitry from IF Amplifier through AF Output
D DC Volume Control System: Control Voltage 0V to VCC
D Fixed Detection Output Terminal for TV Sound Multiplex Application
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC1
V3–16 to 13.8V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Voltage, VCC2
V7–16 to 26V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Circuit Voltage, V6–16
6V to V3–16
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Circuit Current (Peak), I8
–1.2 to +1.2A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
Detector, DCVR Circuit
0.6W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Circuit
1.6W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, Topr
–20
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. + and – are flow–in and flow–out current to/from the circuit respectively.
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
DC Characteristics
Total Circuit Current
Itot
V3–16 = 12V
23
42
mA
Circuit Voltage
V1–16
V3–16 = 12V,
3.2
4.0
4.8
V
V4–16
Pin14 and Pin15 are connected
5.8
6.6
7.7
V
V8–16
8.8
9.5
10.2
V
V13–16
6.6
7.6
8.5
V


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn