Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XZDG25X109FS Datasheet(PDF) 3 Page - SunLED Corporation

Part # XZDG25X109FS
Description  Ideal for indication for hand held products
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZDG25X109FS Datasheet(HTML) 3 Page - SunLED Corporation

  XZDG25X109FS Datasheet HTML 1Page - SunLED Corporation XZDG25X109FS Datasheet HTML 2Page - SunLED Corporation XZDG25X109FS Datasheet HTML 3Page - SunLED Corporation XZDG25X109FS Datasheet HTML 4Page - SunLED Corporation XZDG25X109FS Datasheet HTML 5Page - SunLED Corporation XZDG25X109FS Datasheet HTML 6Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Part Number: XZDG25X109FS
3.5x2.8 mm SMD CHIP LED LAMP
Feb 19, 2016
XDSB6800 V3-Z Layout: Maggie L.
P. 3/6
*wavelength value is in accordance with CIE127-2007 standards.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous Intensity
CIE127-2007*
(IF=150mA)
mcd
Wavelength
CIE127-2007*
nm
λP
Viewing
Angle
2
θ 1/2
min.
typ.
min.
typ.
XZDG25X109FS
Green
InGaN
Water Clear
5000*
6990*
17000*
19700*
515*
120
°
Luminous Flux
CIE127-2007*
(IF=150mA)
mlm
Notes:
LEDs are binned according to their luminous flux.
*Luminous intensity/luminous flux value and wavelength are in accordance with CIE127-2007 standards.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Results from mounting on PC board FR4(pad size³70mm2), mounted on pc board-metal core PCB is recommend
for lowest thermal Resistance.
2.1/10 Duty Cycle, 0.1ms Pulse Width.
3.A Relative Humidity between 40% and 60% is recommended in ESD-protected work areas to reduce static build up during assembly process
(Reference JEDEC/JESD625-A and JEDEC/J-STD-033)
Parameter
Symbol
Value
Unit
Power Dissipation
PD
600
mW
Junction Temperature [1]
TJ
110
°C
Operating Temperature
Top
-40 To +85
°C
Storage Temperature
Tstg
-40 To +85
°C
DC Forward Current [1]
IF
150
mA
Peak Forward Current [2]
IFM
300
mA
Thermal Resistance [1]
(Junction/ambient)
Rth j-a
170
°C/W
Thermal Resistance [1]
(Junction/solder point)
Rth j-S
50
°C/W
8000
V
Electrostatic Discharge Threshold (HBM)
Reverse Voltage
VR
5
V
Parameter
Symbol
Value
Unit
Wavelength at peak emission
IF=150mA CIE127-2007*
[Typ.]
λ peak
515*
nm
Dominant Wavelength IF=150mA CIE127-2007* [Typ.]
λ dom [1]
525*
nm
Spectral Line Half-width IF=150mA [Typ.]
Δλ
30
nm
Forward Voltage IF=150mA [Min.]
VF [2]
2.9
V
Forward Voltage IF=150mA [Typ.]
3.5
Forward Voltage IF=150mA [Max.]
4.0
Temperature coefficient of
λ peak
IF=150mA, -10
°C≤ T≤100°C
[Typ.]
TC λ peak
0.13
nm/
°C
Temperature coefficient of
λ dom
IF=150mA, -10
°C≤ T≤100°C
[Typ.]
TC λ dom
0.1
nm/
°C
Temperature coefficient of VF
IF=150mA, -10
°C≤ T≤100°C [Typ.]
TCV
-3.1
mV/
°C
Allowable Reverse Current (VR=5V)
[Max.]
IR
85
mA


Similar Part No. - XZDG25X109FS

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZDG25X143S SUNLED-XZDG25X143S Datasheet
342Kb / 7P
   IR-reflow compatible
More results

Similar Description - XZDG25X109FS

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZCB25X109FS SUNLED-XZCB25X109FS Datasheet
370Kb / 6P
   Ideal for indication for hand held products
XZM2MOK53W-8 SUNLED-XZM2MOK53W-8 Datasheet
245Kb / 4P
   Ideal for indication light on hand held products
XZM2CYK81FS SUNLED-XZM2CYK81FS Datasheet
278Kb / 5P
   Ideal for indication light on hand held products
XZCBD168W SUNLED-XZCBD168W Datasheet
228Kb / 4P
   Ideal for indication light on hand held products
XZVG168W SUNLED-XZVG168W Datasheet
245Kb / 4P
   Ideal for indication light on hand held products
XZBGRBBRMERK150W SUNLED-XZBGRBBRMERK150W Datasheet
291Kb / 4P
   Ideal for indication light on hand held products
XZDGK78W SUNLED-XZDGK78W Datasheet
328Kb / 4P
   Ideal for indication light on hand held products
XZM2DG105S SUNLED-XZM2DG105S Datasheet
321Kb / 5P
   Ideal for indication light on hand held products
XZM2CYK168WA SUNLED-XZM2CYK168WA Datasheet
247Kb / 4P
   Ideal for indication light on hand held products
XZMDK168W SUNLED-XZMDK168W Datasheet
236Kb / 4P
   Ideal for indication light on hand held products
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com