Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W567S341 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # W567S341
Description  8-CHANNEL SPEECHMELODY PROCESSOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W567S341 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button W567S341 Datasheet HTML 3Page - List of Unclassifed Manufacturers W567S341 Datasheet HTML 4Page - List of Unclassifed Manufacturers W567S341 Datasheet HTML 5Page - List of Unclassifed Manufacturers W567S341 Datasheet HTML 6Page - List of Unclassifed Manufacturers W567S341 Datasheet HTML 7Page - List of Unclassifed Manufacturers W567S341 Datasheet HTML 8Page - List of Unclassifed Manufacturers W567S341 Datasheet HTML 9Page - List of Unclassifed Manufacturers W567S341 Datasheet HTML 10Page - List of Unclassifed Manufacturers W567S341 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
W567SXXX
Publication Release Date: May 2010
- 7 -
Revision A18
5.3 A.C. Characteristics
(VDD-VSS = 4.5 V, FM = 8 MHz, Ta = 25C; No Load unless otherwise specified)
PARAMETER
SYM.
TEST CONDITIONS
SPEC.
UNIT
Min.
Typ.
Max.
Main-Clock
FM
Ring type, *Rosc = 300 K
3.6
4
4.4
MHz
Ring type, *Rosc = 150 K
7.2
8
8.8
Cycle Time
TCYC
FSYS = 8 MHz
125
-
DC
nS
Main-Clock Wake-up
Stable Time
TWSM
Ring type, R = 160 K
-
3
5
mS
Main-Clock Frequency
Deviation, Ring type
F
F
MIN
MIN
MAX
F
F
-
F
-
3
7.5
%
RESETB Active Width
TRES
After FSYS stable
4
-
-
TCYC
*: Typical ROSC value for each part number should refer to design guide.


Similar Part No. - W567S341

ManufacturerPart #DatasheetDescription
logo
Winbond
W567S341 WINBOND-W567S341 Datasheet
500Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR (BandDirectorTM Series)
logo
Nuvoton Technology Corp...
W567S341 NUVOTON-W567S341 Datasheet
512Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR
More results

Similar Description - W567S341

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W567SXXX NUVOTON-W567SXXX Datasheet
512Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR
logo
Winbond
W567SXXX WINBOND-W567SXXX Datasheet
500Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR (BandDirectorTM Series)
logo
Nuvoton Technology Corp...
W567JXXX NUVOTON-W567JXXX Datasheet
638Kb / 13P
   6-CHANNEL SPEECHMELODY PROCESSOR
logo
List of Unclassifed Man...
W567CP260 ETC2-W567CP260 Datasheet
718Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
W567JXXX ETC2-W567JXXX Datasheet
638Kb / 13P
   6-CHANNEL SPEECHMELODY PROCESSOR
W567CXXX ETC2-W567CXXX Datasheet
710Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
logo
Nuvoton Technology Corp...
W567CP260 NUVOTON-W567CP260 Datasheet
718Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
W567CXXX NUVOTON-W567CXXX Datasheet
710Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
N588H NUVOTON-N588H Datasheet
939Kb / 20P
   3-CHANNEL SPEECHMELODY
logo
OKI electronic componet...
MSM7630 OKI-MSM7630 Datasheet
650Kb / 95P
   Universal Speech Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com