Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWK3333Z-AM-P-A01 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LWK3333Z-AM-P-A01
Description  ROUND TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LWK3333Z-AM-P-A01 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LWK3333Z-AM-P-A01 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LWK3333Z-AM-P-A01 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LWK3333Z-AM-P-A01 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LWK3333Z-AM-P-A01 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LWK3333Z-AM-P-A01 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LWK3333Z-AM-P-A01 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LWK3333Z-AM-P-A01 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Absolute Maximum Ratings at Ta=25
Typical Electrical & Optical Characteristics (Ta=25
)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Tstg
Storage Temperature
PART NO
MATERIAL
LWK3333Z-AM-P-A01
Emitted
InGaN/GaN
White
Water Clear
Lens
COLOR
IF
Forward Current
Operating Temperature
Reverse Current @5V
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Topr
Ir
PD
IFP
Parameter
Symbol
-30~ +100
Luminous
intensity
@20mA(mcd)
Viewing
angle
2
θ 1/2
(deg)
Forward
voltage
@20mA(V)
4.0
3.5
Max.
16
Min.
Typ.
Page 2/6
30
mA
-20~ +80
50
μA
120
100
mA
mW
WK
Ratings
UNIT
Chromaticity
Coordinates
(Typ.)
X
Y
0.27
0.265
V
8000
ESD
Electrostatic Discharge( * )
Typ.
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
6000 7700
PART NO. LWK3333Z-AM-P-A01


Similar Part No. - LWK3333Z-AM-P-A01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LWK3333Z-P-A02 LIGITEK-LWK3333Z-P-A02 Datasheet
170Kb / 7P
   ROUND TYPE LED LAMPS
LWK3333Z-S149 LIGITEK-LWK3333Z-S149 Datasheet
145Kb / 7P
   ROUND TYPE LED LAMPS
More results

Similar Description - LWK3333Z-AM-P-A01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LUY2040 LIGITEK-LUY2040 Datasheet
103Kb / 5P
   ROUND TYPE LED LAMPS
LDBK12740 LIGITEK-LDBK12740 Datasheet
70Kb / 5P
   ROUND TYPE LED LAMPS
LDBK13733-OD LIGITEK-LDBK13733-OD Datasheet
112Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13740 LIGITEK-LDBK13740 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13742-OD LIGITEK-LDBK13742-OD Datasheet
115Kb / 6P
   ROUND TYPE LED LAMPS
LDBK32243 LIGITEK-LDBK32243 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK42443Z-S10 LIGITEK-LDBK42443Z-S10 Datasheet
114Kb / 6P
   ROUND TYPE LED LAMPS
LDBK63233-P1 LIGITEK-LDBK63233-P1 Datasheet
99Kb / 5P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com