Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8918 Datasheet(PDF) 10 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 6Page - Cirrus Logic WM8918 Datasheet HTML 7Page - Cirrus Logic WM8918 Datasheet HTML 8Page - Cirrus Logic WM8918 Datasheet HTML 9Page - Cirrus Logic WM8918 Datasheet HTML 10Page - Cirrus Logic WM8918 Datasheet HTML 11Page - Cirrus Logic WM8918 Datasheet HTML 12Page - Cirrus Logic WM8918 Datasheet HTML 13Page - Cirrus Logic WM8918 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 176 page
background image
WM8918
Production Data
w
PD, Rev 4.1, January 2012
10
ELECTRICAL CHARACTERISTICS
TERMINOLOGY
1.
Signal-to-Noise Ratio (dB) – SNR is the difference in level between a full scale output signal and the device output
noise with no signal applied, measured over a bandwidth of 20Hz to 20kHz. This ratio is also called idle channel noise.
(No Auto-zero or Automute function is employed).
2.
Total Harmonic Distortion (dB) – THD is the difference in level between a 1kHz full scale sinewave output signal and
the first seven harmonics of the output signal. The amplitude of the fundamental frequency of the output signal is
compared to the RMS value of the next seven harmonics and expressed as a ratio.
3.
Total Harmonic Distortion + Noise (dB) – THD+N is the difference in level between a 1kHz full scale sine wave output
signal and all noise and distortion products in the audio band. The amplitude of the fundamental reference frequency of
the output signal is compared to the RMS value of all other noise and distortion products and expressed as a ratio.
4.
Channel Separation (dB) – is a measure of the coupling between left and right channels. A full scale signal is applied
to the left channel only, the right channel amplitude is measured. Then a full scale signal is applied to the right channel
only and the left channel amplitude is measured. The worst case channel separation is quoted as a ratio.
5.
Channel Level Matching (dB) – measures the difference in gain between the left and the right channels.
6.
Power Supply Rejection Ratio (dB) – PSRR is a measure of ripple attenuation between the power supply pin and an
output path. With the signal path idle, a small signal sine wave is summed onto the power supply rail, The amplitude of
the sine wave is measured at the output port and expressed as a ratio.
7.
All performance measurements carried out with 20kHz AES17 low pass filter for distortion measurements, and an
A-weighted filter for noise measurement. Failure to use such a filter will result in higher THD and lower SNR and
Dynamic Range readings than are found in the Electrical Characteristics. The low pass filter removes out of band
noise; although it is not audible it may affect dynamic specification values.
COMMON TEST CONDITIONS
Unless otherwise stated, the following test conditions apply throughout the following sections:
DCVDD = 1.0V
DBVDD = 1.8V
AVDD = CPVDD =1.8V
Ambient temperature = +25°C
Audio signal: 1kHz sine wave, sampled at 48kHz with 24-bit data resolution
SYSCLK_SRC = 0 (system clock comes direct from MCLK, not from FLL).
Additional, specific test conditions are given within the relevant sections below.


Similar Part No. - WM8918

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8912 WOLFSON-WM8912 Datasheet
1Mb / 128P
   Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
logo
Cirrus Logic
WM8912 CIRRUS-WM8912 Datasheet
1Mb / 129P
   Ultra Low Power DAC with Headphone Driver
logo
Wolfson Microelectronic...
WM8912GEFL/RV WOLFSON-WM8912GEFL/RV Datasheet
1Mb / 128P
   Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
WM8912GEFL/V WOLFSON-WM8912GEFL/V Datasheet
1Mb / 128P
   Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
More results

Similar Description - WM8918

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8912 WOLFSON-WM8912 Datasheet
1Mb / 128P
   Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
WM8903 WOLFSON-WM8903 Datasheet
1Mb / 178P
   Ultra Low Power CODEC for Portable Audio Applications
WM8751L WOLFSON-WM8751L Datasheet
495Kb / 45P
   STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
WM8904 WOLFSON-WM8904 Datasheet
1Mb / 188P
   Ultra Low Power CODEC for Portable Audio Applications
logo
Cirrus Logic
WM8904 CIRRUS-WM8904 Datasheet
3Mb / 184P
   Ultra Low-Power Codec for Portable Audio Applications
logo
Wolfson Microelectronic...
WM8955 WOLFSON-WM8955_06 Datasheet
646Kb / 46P
   Stereo DAC For Portable Audio Applications
WM8955L WOLFSON-WM8955L Datasheet
377Kb / 43P
   STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
WM8955BL WOLFSON-WM8955BL_07 Datasheet
687Kb / 44P
   Stereo DAC For Portable Audio Applications
logo
Burr-Brown (TI)
TLV320DAC32 BURR-BROWN-TLV320DAC32 Datasheet
817Kb / 65P
   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320DAC32 TI-TLV320DAC32_15 Datasheet
1Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com