Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8918 Datasheet(PDF) 89 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 89 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 85Page - Cirrus Logic WM8918 Datasheet HTML 86Page - Cirrus Logic WM8918 Datasheet HTML 87Page - Cirrus Logic WM8918 Datasheet HTML 88Page - Cirrus Logic WM8918 Datasheet HTML 89Page - Cirrus Logic WM8918 Datasheet HTML 90Page - Cirrus Logic WM8918 Datasheet HTML 91Page - Cirrus Logic WM8918 Datasheet HTML 92Page - Cirrus Logic WM8918 Datasheet HTML 93Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 176 page
background image
Production Data
WM8918
w
PD, Rev 4.1, January 2012
89
Note that the WM8918 is a 24-bit device. In 32-bit mode (AIF_WL=11), the 8 LSBs are ignored on the
receiving side and not driven on the transmitting side.
AUDIO INTERFACE OUTPUT TRI-STATE
Register bit AIF_TRIS can be used to tri-state the audio interface pins as described in Table 51. All
digital audio interface pins will be tri-stated by this function, regardless of the state of other registers
which control these pin configurations.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R25 (19h)
Audio
Interface 1
8
AIF_TRIS
0
Audio Interface Tristate
0 = Audio interface pins operate normally
1 = Tristate all audio interface pins
Table 51 Digital Audio Interface Tri-State Control
BCLK AND LRCLK CONTROL
The audio interface can be programmed to operate in master mode or slave mode using the
BCLK_DIR and LRCLK_DIR register bits. In master mode, the BCLK and LRCLK signals are
generated by the WM8918 when any of the DMICs or DACs is enabled. In slave mode, the BCLK and
LRCLK clock outputs are disabled by default to allow another digital audio interface to drive these
pins.
It is also possible to force the BCLK or LRCLK signals to be output using BCLK_DIR and
LRCLK_DIR, allowing mixed master and slave modes. The BCLK_DIR and LRCLK_DIR fields are
defined in Table 52.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R25 (19h)
Audio
Interface 1
6
BCLK_DIR
0
Audio Interface BCLK Direction
0 = BCLK is input
1 = BCLK is output
R26 (1Ah)
Audio
Interface 2
4:0
BCLK_DIV
[4:0]
0_0100
BCLK Frequency (Master Mode)
00000 = SYSCLK
00001 = SYSCLK / 1.5
00010 = SYSCLK / 2
00011 = SYSCLK / 3
00100 = SYSCLK / 4 (default)
00101 = SYSCLK / 5
00110 = SYSCLK / 5.5
00111 = SYSCLK / 6
01000 = SYSCLK / 8
01001 = SYSCLK / 10
01010 = SYSCLK / 11
01011 = SYSCLK / 12
01100 = SYSCLK / 16
01101 = SYSCLK / 20
01110 = SYSCLK / 22
01111 = SYSCLK / 24
10000 = SYSCLK / 25
10001 = SYSCLK / 30
10010 = SYSCLK / 32
10011 = SYSCLK / 44
10100 = SYSCLK / 48


Similar Part No. - WM8918

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8912 WOLFSON-WM8912 Datasheet
1Mb / 128P
   Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
logo
Cirrus Logic
WM8912 CIRRUS-WM8912 Datasheet
1Mb / 129P
   Ultra Low Power DAC with Headphone Driver
logo
Wolfson Microelectronic...
WM8912GEFL/RV WOLFSON-WM8912GEFL/RV Datasheet
1Mb / 128P
   Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
WM8912GEFL/V WOLFSON-WM8912GEFL/V Datasheet
1Mb / 128P
   Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
More results

Similar Description - WM8918

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8912 WOLFSON-WM8912 Datasheet
1Mb / 128P
   Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
WM8903 WOLFSON-WM8903 Datasheet
1Mb / 178P
   Ultra Low Power CODEC for Portable Audio Applications
WM8751L WOLFSON-WM8751L Datasheet
495Kb / 45P
   STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
WM8904 WOLFSON-WM8904 Datasheet
1Mb / 188P
   Ultra Low Power CODEC for Portable Audio Applications
logo
Cirrus Logic
WM8904 CIRRUS-WM8904 Datasheet
3Mb / 184P
   Ultra Low-Power Codec for Portable Audio Applications
logo
Wolfson Microelectronic...
WM8955 WOLFSON-WM8955_06 Datasheet
646Kb / 46P
   Stereo DAC For Portable Audio Applications
WM8955L WOLFSON-WM8955L Datasheet
377Kb / 43P
   STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
WM8955BL WOLFSON-WM8955BL_07 Datasheet
687Kb / 44P
   Stereo DAC For Portable Audio Applications
logo
Burr-Brown (TI)
TLV320DAC32 BURR-BROWN-TLV320DAC32 Datasheet
817Kb / 65P
   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320DAC32 TI-TLV320DAC32_15 Datasheet
1Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com