Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XVH2LUY50D Datasheet(PDF) 2 Page - SunLED Corporation

Part # XVH2LUY50D
Description  Custom color combinations available
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XVH2LUY50D Datasheet(HTML) 2 Page - SunLED Corporation

  XVH2LUY50D Datasheet HTML 1Page - SunLED Corporation XVH2LUY50D Datasheet HTML 2Page - SunLED Corporation XVH2LUY50D Datasheet HTML 3Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Part Number: XVH2LUY50D
5mm Two Position CBI Housing
Oct 11,2016
XDSA2879 V8-Z Layout: Maggie L.
P. 2/3
Yellow
Remarks:
If special sorting is required (e.g. binning based on forward voltage,
luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity / Luminous Flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.
Yellow


Similar Part No. - XVH2LUY50D

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XVH2LUG50D SUNLED-XVH2LUG50D Datasheet
241Kb / 3P
   Custom color combinations available
XVH2LUR50D SUNLED-XVH2LUR50D Datasheet
242Kb / 3P
   Custom color combinations available
More results

Similar Description - XVH2LUY50D

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XVG2LUG11D SUNLED-XVG2LUG11D Datasheet
230Kb / 3P
   Custom color combinations available
XVG2LUY11D SUNLED-XVG2LUY11D Datasheet
226Kb / 3P
   Custom color combinations available
XPV1LUG11D SUNLED-XPV1LUG11D Datasheet
231Kb / 3P
   Custom color combinations available
XVG2LUR11D SUNLED-XVG2LUR11D Datasheet
230Kb / 3P
   Custom color combinations available
XPF2LUR11D SUNLED-XPF2LUR11D Datasheet
246Kb / 3P
   Custom color combinations available
XVB1LUG11D SUNLED-XVB1LUG11D Datasheet
230Kb / 3P
   Custom color combinations available
XPV1LUR11D SUNLED-XPV1LUR11D Datasheet
231Kb / 3P
   Custom color combinations available
XRS2LUY11D SUNLED-XRS2LUY11D Datasheet
249Kb / 4P
   Custom color combinations available
XPF2LUG11D SUNLED-XPF2LUG11D Datasheet
246Kb / 3P
   Custom color combinations available
XVH2LUG50D SUNLED-XVH2LUG50D Datasheet
241Kb / 3P
   Custom color combinations available
XRS2LUG11D SUNLED-XRS2LUG11D Datasheet
248Kb / 4P
   Custom color combinations available
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com