Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS53L30 Datasheet(PDF) 58 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 58 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 54Page - Cirrus Logic CS53L30 Datasheet HTML 55Page - Cirrus Logic CS53L30 Datasheet HTML 56Page - Cirrus Logic CS53L30 Datasheet HTML 57Page - Cirrus Logic CS53L30 Datasheet HTML 58Page - Cirrus Logic CS53L30 Datasheet HTML 59Page - Cirrus Logic CS53L30 Datasheet HTML 60Page - Cirrus Logic CS53L30 Datasheet HTML 61Page - Cirrus Logic CS53L30 Datasheet HTML 62Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 67 page
background image
58
DS992F2
CS53L30
8 Parameter Definitions
8 Parameter Definitions
9Plots
9.1 Digital Filter Response
9.1.1
ADC High-Pass Filter
Dynamic range. The ratio of the rms value of the signal to the rms sum of all other spectral components over the
specified bandwidth. Dynamic range is a signal-to-noise ratio measurement over the specified band width made
with a –60 dB signal.
Frequency response. A measure of the amplitude response variation from 10 Hz to 20 kHz relative to the amplitude
response at 1 kHz. Frequency response is expressed in decibel units.
Gain drift. The change in gain value with temperature, expressed in ppm/°C units.
Interchannel gain mismatch. The gain difference between left and right channel pairs. Interchannel gain mismatch
is expressed in decibel units.
Interchannel isolation. A measure of crosstalk between the left- and right-channel pairs. Interchannel Isolation is
measured for each channel at the converter's output with no signal to the input under test and a full-scale signal
applied to the other channel. Interchannel isolation is expressed in decibel units.
Load resistance and capacitance. The recommended minimum resistance and maximum capacitance required for
the internal op-amp's stability and signal integrity. The load capacitance effectively moves the band-limiting pole
of the amp in the output stage. Increasing the load capacitance beyond the recommended value can cause the
internal op-amp to become unstable.
Figure 9-1. ADC HPF Response
Figure 9-2. ADC HPF Response, Passband Detail


Similar Part No. - CS53L30

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS53L32A CIRRUS-CS53L32A Datasheet
716Kb / 40P
   Low Voltage, Stereo A/D Converter
CS53L32A-BZ CIRRUS-CS53L32A-BZ Datasheet
716Kb / 40P
   Low Voltage, Stereo A/D Converter
CS53L32A-KZ CIRRUS-CS53L32A-KZ Datasheet
716Kb / 40P
   Low Voltage, Stereo A/D Converter
CS53L32A-KZZ CIRRUS-CS53L32A-KZZ Datasheet
716Kb / 40P
   Low Voltage, Stereo A/D Converter
More results

Similar Description - CS53L30

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ICS-52000 TDK-ICS-52000 Datasheet
422Kb / 20P
   Low-Noise Microphone with TDM Digital Output
logo
Wolfson Microelectronic...
WM8953 WOLFSON-WM8953 Datasheet
1Mb / 100P
   Low Power Stereo ADC with PLL and TDM Interface
logo
Nuvoton Technology Corp...
NAU85L40 NUVOTON-NAU85L40 Datasheet
933Kb / 24P
   Quad Audio ADC with Integrated FLL and Microphone Preamplifier
NAU85L40B NUVOTON-NAU85L40B Datasheet
2Mb / 57P
   Quad Audio ADC with Integrated FLL and Microphone Preamplifier
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
[Old version datasheet]   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Burr-Brown (TI)
PCM1870 BURR-BROWN-PCM1870 Datasheet
759Kb / 49P
   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Texas Instruments
PCMD3140 TI-PCMD3140 Datasheet
4Mb / 107P
[Old version datasheet]   PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PCMD3140 TI-PCMD3140_V01 Datasheet
4Mb / 106P
[Old version datasheet]   PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
logo
Wolfson Microelectronic...
WM8737L WOLFSON-WM8737L_12 Datasheet
413Kb / 40P
   Stereo ADC with Microphone Preamplifier
WM8737 WOLFSON-WM8737 Datasheet
535Kb / 38P
   STEREO ADC WITH MICROPHONE PREAMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com