Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12136AF Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # 12136AF
Description  Dolby B-Type Noise Reduction System
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

12136AF Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button 12136AF Datasheet HTML 2Page - Hitachi Semiconductor 12136AF Datasheet HTML 3Page - Hitachi Semiconductor 12136AF Datasheet HTML 4Page - Hitachi Semiconductor 12136AF Datasheet HTML 5Page - Hitachi Semiconductor 12136AF Datasheet HTML 6Page - Hitachi Semiconductor 12136AF Datasheet HTML 7Page - Hitachi Semiconductor 12136AF Datasheet HTML 8Page - Hitachi Semiconductor 12136AF Datasheet HTML 9Page - Hitachi Semiconductor 12136AF Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
HA12134A, HA12135A, HA12136A
6
Pin Description (Ta = 25
°C, V
CC = 12 V, No signal, The value in the table show typical
value.)
Pin No. Symbol
R (in)
VDC
Equivalent circuit
Description
1, 16
REC IN
56 k
Ω 6.0 V
V
GND
V
/2
56k
CC
CC
Recording (encode) input
2V
CC
12.0 V
Power supply
3, 14
PB IN
100 k
Ω 6.0 V
V
GND
V /2
100k
CC
CC
Playback (decode) input
4V
REF
6.0 V
Reference voltage
5
NR ON/OFF —
V
4 VBE
3 V
BE
GND
1k
CC
100k
Mode control pin for NR
ON/OFF
“H”
→NR ON
“L”
→NR OFF
6, 11
PB OUT
6.0 V
V
GND
100
100
CC
Playback (decode) output


Similar Part No. - 12136AF

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1213667-1 TEC-1213667-1 Datasheet
128Kb / 3P
   Seating Tool Assembly
1213668-1 TEC-1213668-1 Datasheet
128Kb / 3P
   Seating Tool Assembly
1213669-1 TEC-1213669-1 Datasheet
128Kb / 3P
   Seating Tool Assembly
More results

Similar Description - 12136AF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
logo
Sony Corporation
CXA1100P SONY-CXA1100P Datasheet
473Kb / 15P
   DOLBY B TYPE NOISE REDUCTION SYSTEM
CXA1550P SONY-CXA1550P Datasheet
232Kb / 16P
   Dolby B type Noise Reduction System
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
   DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
   Dolby B-C Type Noise Reduction System
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
   DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
New Japan Radio
NJM2085 NJRC-NJM2085 Datasheet
160Kb / 4P
   PREAMPLIFIER AND DOLBY B TYPE NOISE REDUCTION SYSTEM
logo
NTE Electronics
NTE2000 NTE-NTE2000 Datasheet
82Kb / 2P
   Integrated Circuit Dolby B Type Noise Reduction System
logo
Hitachi Semiconductor
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
   DOLBY B-C TYPE NOISE REDUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com