Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT93LC46 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT93LC46
Description  CMOS 1K 3-Wire Serial EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT93LC46 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT93LC46_14 Datasheet HTML 1Page - Holtek Semiconductor Inc HT93LC46_14 Datasheet HTML 2Page - Holtek Semiconductor Inc HT93LC46_14 Datasheet HTML 3Page - Holtek Semiconductor Inc HT93LC46_14 Datasheet HTML 4Page - Holtek Semiconductor Inc HT93LC46_14 Datasheet HTML 5Page - Holtek Semiconductor Inc HT93LC46_14 Datasheet HTML 6Page - Holtek Semiconductor Inc HT93LC46_14 Datasheet HTML 7Page - Holtek Semiconductor Inc HT93LC46_14 Datasheet HTML 8Page - Holtek Semiconductor Inc HT93LC46_14 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev. 2.10
1
January 16, 2014
Rev. 1.82
PB
January 16, 2014
HT93LC46
CMOS 1K 3-Wire Serial EEPROM
Features
• Operatingvoltage:1.8V~5.5V
• Lowpowerconsumption
– Operating:5mAmax.
– Standby:2µAmax.
• Userselectableinternalorganization
– 1K:128×8or64×16
• 3-wireSerialInterface
• Writecycletime:5msmax.
• Automaticerase-before-writeoperation
• Word/chiperaseandwriteoperation
• Writeoperationwithbuilt-intimer
• Softwarecontrolledwriteprotection
• 40-yeardataretention
• 106rewritecyclesperword
• Industrialtemperaturerange(−40°Cto+85°C)
• 8-pinDIP/SOP/TSSOPpackage
General Description
TheHT93LC46isa1K-bitlowvoltagenonvolatile,
serialelectricallyerasableprogrammablereadonly
memorydeviceusingtheCMOSfloatinggateprocess.
Its1024bitsofmemoryareorganizedinto64wordsof
16bitseachwhentheORGpinisconnectedtoVCCor
organizedinto128wordsof8bitseachwhenitistiedto
VSS.Thedeviceisoptimizedforuseinmanyindustrial
andcommercialapplicationswherelowpowerandlow
voltageoperationareessential.Bypopularmicrocon-
troller,theversatileserialinterfaceincludingchipselect
(CS),serialclock(SK),datainput(DI)anddataoutput
(DO)canbeeasilycontrolled.
Block Diagram
C ont ro l
Logi c
and
Cl oc k
G ene ra te r
Da ta
R egi st er
A ddr es s
R egi st er
CS
SK
DI
VC C
VS S
DO
A ddr es s
De c oder
Ou t put
B u ffe r
OR G
Me mo ry C el l
Ar ra y
1K : ( 128 ´ 8 or 6 4 ´ 16 )
Pin Assignment
1
2
3
4
8
7
6
5
VC C
NC
OR G
VS S
CS
SK
DI
DO
VC C
NC
OR G
VS S
CS
SK
DI
DO
1
2
3
4
8
7
6
5
HT 93 LC 46
8 DI P- A/ SO P- A/ TS SO P- A
HT 93 LC 46
8 SO P- B


Similar Part No. - HT93LC46_14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT93LC46 HOLTEK-HT93LC46_10 Datasheet
131Kb / 12P
   CMOS 1K 3-Wire Serial EEPROM
More results

Similar Description - HT93LC46_14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT93LC46 HOLTEK-HT93LC46_09 Datasheet
105Kb / 12P
   CMOS 1K 3-Wire Serial EEPROM
HT93LC46 HOLTEK-HT93LC46_07 Datasheet
142Kb / 12P
   CMOS 1K 3-Wire Serial EEPROM
HT93LC46 HOLTEK-HT93LC46_10 Datasheet
131Kb / 12P
   CMOS 1K 3-Wire Serial EEPROM
HT93LC46 HOLTEK-HT93LC46 Datasheet
360Kb / 10P
   1K 3-Wire CMOS Serial EEPROM
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
   CMOS 1K 2-Wire Serial EEPROM
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
   CMOS 1K 2-Wire Serial EEPROM
HT24LC01 HOLTEK-HT24LC01 Datasheet
248Kb / 8P
   1K/2K 2-Wire CMOS Serial EEPROM
logo
STMicroelectronics
TS59C11 STMICROELECTRONICS-TS59C11 Datasheet
168Kb / 8P
   1K BIT SERIAL CMOS EEPROM
logo
ATMEL Corporation
AT93C46A ATMEL-AT93C46A Datasheet
143Kb / 15P
   3-Wire Serial EEPROM 1K (64 x 16)
logo
Integrated Silicon Solu...
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
   1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com