Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0511101051 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0511101051
Description  2.00mm Pitch, Milli-Grid Receptacle Housing, 10 Circuits, with Center Polarization
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0511101051 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0511101051_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0511101051_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/25/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0511101051
Status:
Active
Overview:
Milli-Grid™ Connector System
Description:
2.00mm Pitch, Milli-Grid™ Receptacle Housing, 10 Circuits, with Center Polarization
Key, without Locking Ramp, Lead-Free
Documents:
3D Model
Packaging Specification PK-51110-300 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51110-001-001 (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
51110
Application
Signal, Wire-to-Board
Application Tooling Part Link
63824-2800
Comments
Applicable Wire Range: 24-30 AWG
Overview
Milli-Grid™ Connector System
Product Literature Order No
987650-1991
Product Name
Milli-Grid™
UPC
800753574175
Physical
Circuits (maximum)
10
Color - Resin
Black
Flammability
94V-0
Gender
Receptacle
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Resin
Polyester
Net Weight
0.202/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.00mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-51110-300
Product Specification
PS-51110-001-001
Sales Drawing
SD-51110-XX5X
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
51110 Series
Mates With
Milli-Grid™ Headers 87758 , 87759 ,
87760 , 87831 , 87832 <br>Milli-Grid™
BMI Header 151013 <br>Milli-Grid™ Low-
Halogen Headers 151117 , 151118 , 151119
, 151120
Use With
50394 Crimp Terminals
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global


Similar Part No. - 0511101051_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0511101051 MOLEX7-0511101051 Datasheet
122Kb / 2P
   2.00mm (.079") Pitch, Milli-Grid??Crimp Housing, 10 Circuits, with Center PolarizationKey, without Locking Ramp, Leadfree
More results

Similar Description - 0511101051_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0511101060 MOLEX1-0511101060_17 Datasheet
49Kb / 2P
   2.00mm Pitch, Milli-Grid Receptacle Housing, 10 Circuits, without Center Polarization
0511101451 MOLEX1-0511101451_17 Datasheet
49Kb / 2P
   2.00mm Pitch, Milli-Grid Receptacle Housing, 14 Circuits, with Center Polarization
0511101251 MOLEX1-0511101251_17 Datasheet
49Kb / 2P
   2.00mm Pitch, Milli-Grid Receptacle Housing, 12 Circuits, with Center Polarization
51110-1051 MOLEX11-51110-1051 Datasheet
53Kb / 2P
   2.00mm Pitch, Milli-Grid??Crimp Housing, 10 Circuits, with Center Polarization Key,
0780451060 MOLEX1-0780451060_17 Datasheet
42Kb / 1P
   2.00mm Pitch, Milli-Grid Crimp Housing, 10 Circuits, with Center Polarization Key
78045-1060 MOLEX11-78045-1060 Datasheet
49Kb / 1P
   2.00mm Pitch, Milli-Grid??Crimp Housing, 10 Circuits, with Center Polarization Key
0511102851 MOLEX1-0511102851_17 Datasheet
49Kb / 2P
   2.00mm Pitch, Milli-Grid Receptacle Housing, 28 Circuits, with Center Polarization Key
0511101651 MOLEX1-0511101651_17 Datasheet
49Kb / 2P
   2.00mm Pitch, Milli-Grid Receptacle Housing, 16 Circuits, with Center Polarization Key
0511101851 MOLEX1-0511101851_17 Datasheet
49Kb / 2P
   2.00mm Pitch, Milli-Grid Receptacle Housing, 18 Circuits, with Center Polarization Key
0511102251 MOLEX1-0511102251_17 Datasheet
49Kb / 2P
   2.00mm Pitch, Milli-Grid Receptacle Housing, 22 Circuits, with Center Polarization Key
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com