Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUC505DS13Y Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # NUC505DS13Y
Description  Cortex-M4
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NUC505DS13Y Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button NUC505DS13Y Datasheet HTML 6Page - List of Unclassifed Manufacturers NUC505DS13Y Datasheet HTML 7Page - List of Unclassifed Manufacturers NUC505DS13Y Datasheet HTML 8Page - List of Unclassifed Manufacturers NUC505DS13Y Datasheet HTML 9Page - List of Unclassifed Manufacturers NUC505DS13Y Datasheet HTML 10Page - List of Unclassifed Manufacturers NUC505DS13Y Datasheet HTML 11Page - List of Unclassifed Manufacturers NUC505DS13Y Datasheet HTML 12Page - List of Unclassifed Manufacturers NUC505DS13Y Datasheet HTML 13Page - List of Unclassifed Manufacturers NUC505DS13Y Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 110 page
background image
NUC505
Mar 10, 2015
Page 10 of 110
版本
1.01
传输速度1.5Mbps,或12Mbps
完全兼容USB1.1
兼容 OHCI1.0
支持控制,批量,中断和等时传输
高速USB 2.0 device
12个端点地址,支持控制,批量,中断和等时传输
2K-字节 缓存
自动挂起功能
远程唤醒功能
低压检测功能 LVD: 2.8V / 2.6V
低压复位功能 LVR: 门限 2.4 V
GPIO
两种模式:输入,输出。
输入可选 CMOS 和 Schmitt 模式
可配置边沿中断
5V-容限 (PA.7~PA.0 和 PD.4~PD.2 仅能 3.3 V)
QFN88/LQFP64/LQFP48 封装,分别有 52/35/25 个GPIO
4个24位、上计数定时器
带8位预分频器
每个定时器都有独立时钟源
一次定时、周期定时、反转GPIO模式和连续操作四种工作模式
支持引脚脉冲计数模式
有捕获功能,引脚信号可复位定时器
看门狗
时钟源可选 LIRC(缺省值), HXT 和 LXT
8 个溢出时间选择:1.6毫秒 ~ 26.0秒
看门狗溢出可选中断或复位功能
窗看门狗
时钟源可选 LIRC(缺省值), HXT 和 LXT
6 位计数器,带11位预分频器
看门狗溢出可选中断或复位功能
三个UART:UART0,UART1 和 UART2
UART0 16-字节 FIFO。UART1,UART2 有 64-字节 FIFO


Similar Part No. - NUC505DS13Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUC505DS13Y ETC2-NUC505DS13Y Datasheet
3Mb / 130P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NUC505DS13Y NUVOTON-NUC505DS13Y Datasheet
3Mb / 130P
   ARM짰 Cortex짰-M4 32-bit Microcontroller
More results

Similar Description - NUC505DS13Y

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
S3A7 RENESAS-S3A7 Datasheet
1Mb / 133P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
   32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
logo
Maxim Integrated Produc...
MAX32520 MAXIM-MAX32520 Datasheet
279Kb / 29P
   ChipDNA Secure Arm Cortex M4 Microcontroller
Rev 0; 6/19
logo
NXP Semiconductors
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
   32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
logo
Renesas Technology Corp
S7G2 RENESAS-S7G2 Datasheet
1Mb / 116P
   32-bit ARM Cortex-M4 microcontroller
logo
Silicon Laboratories
EFM32PG12 SILABS-EFM32PG12 Datasheet
2Mb / 123P
   ARM Cortex-M4 at 40 MHz
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
   32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
List of Unclassifed Man...
MK02FN128VLH10 ETC2-MK02FN128VLH10 Datasheet
875Kb / 56P
   100 MHz Cortex-M4 Based Microcontroller with FPU
logo
NXP Semiconductors
LPC4300 NXP-LPC4300 Datasheet
285Kb / 2P
   First asymmetrical, dual-core digital signal controller featuring Cortex-M4 & Cortex-M0
August 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com