Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUC505DL13Y Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # NUC505DL13Y
Description  Cortex-M4
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NUC505DL13Y Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  NUC505DL13Y Datasheet HTML 1Page - List of Unclassifed Manufacturers NUC505DL13Y Datasheet HTML 2Page - List of Unclassifed Manufacturers NUC505DL13Y Datasheet HTML 3Page - List of Unclassifed Manufacturers NUC505DL13Y Datasheet HTML 4Page - List of Unclassifed Manufacturers NUC505DL13Y Datasheet HTML 5Page - List of Unclassifed Manufacturers NUC505DL13Y Datasheet HTML 6Page - List of Unclassifed Manufacturers NUC505DL13Y Datasheet HTML 7Page - List of Unclassifed Manufacturers NUC505DL13Y Datasheet HTML 8Page - List of Unclassifed Manufacturers NUC505DL13Y Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 110 page
background image
NUC505
Mar 10, 2015
Page 5 of 110
版本
1.01
7.3.4
内部 32 kHz 低速晶振 .........................................................................90
模拟量特性
............................................................................... 91
7.4
7.4.1
12-bit SARADC
规格 ...........................................................................91
7.4.2
24-bit Delta-Sigma CODEC
规格 ............................................................93
7.4.3
LDO
规格 ........................................................................................94
7.4.4
低压复位规格 ...................................................................................95
7.4.5
上电复位规格 ...................................................................................95
7.4.6
USB PHY
规格 .................................................................................97
7.4.7
I
2C
特性 .........................................................................................99
7.4.8
SPI
特性....................................................................................... 100
7.4.9
I
2S
特性........................................................................................ 102
8
应用电路
..............................................................................104
9
封装尺寸
..............................................................................105
LQFP 48L (7x7x1.4mm footprint 2.0mm) ......................................... 105
9.1
LQFP 64L (7x7x1.4mm footprint 2.0mm) ......................................... 106
9.2
QFN 88 (10x10x0.9mm) ............................................................. 107
9.3
10 修订历史 ..............................................................................109


Similar Part No. - NUC505DL13Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUC505DL13Y ETC2-NUC505DL13Y Datasheet
3Mb / 130P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NUC505DL13Y NUVOTON-NUC505DL13Y Datasheet
3Mb / 130P
   ARM짰 Cortex짰-M4 32-bit Microcontroller
More results

Similar Description - NUC505DL13Y

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
S3A7 RENESAS-S3A7 Datasheet
1Mb / 133P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
   32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
logo
Maxim Integrated Produc...
MAX32520 MAXIM-MAX32520 Datasheet
279Kb / 29P
   ChipDNA Secure Arm Cortex M4 Microcontroller
Rev 0; 6/19
logo
NXP Semiconductors
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
   32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
logo
Renesas Technology Corp
S7G2 RENESAS-S7G2 Datasheet
1Mb / 116P
   32-bit ARM Cortex-M4 microcontroller
logo
Silicon Laboratories
EFM32PG12 SILABS-EFM32PG12 Datasheet
2Mb / 123P
   ARM Cortex-M4 at 40 MHz
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
   32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
List of Unclassifed Man...
MK02FN128VLH10 ETC2-MK02FN128VLH10 Datasheet
875Kb / 56P
   100 MHz Cortex-M4 Based Microcontroller with FPU
logo
NXP Semiconductors
LPC4300 NXP-LPC4300 Datasheet
285Kb / 2P
   First asymmetrical, dual-core digital signal controller featuring Cortex-M4 & Cortex-M0
August 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com