Electronic Components Datasheet Search |
|
NUC472HI8AE Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers |
|
NUC472HI8AE Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers |
11 / 250 page NUC472 June 16, 2016 Page 11 of 250 Rev 1.09 package pin out – Dedicated external chip select pin for each memory block – Supports 8-/16-bit data width – Supports byte write in 16-bit data width mode – Supports PDMA mode – Supports Address/Data Separated/Multiplexed Mode – Supports Timing parameters individual adjustment for each memory block – Supports “Timing Transparent Encrypt/Decrypt” for protecting data in each memory block (Individual Enable/Disable) GPIO – Four I/O modes: Quasi-bidirectional Push-Pull output Open-Drain output Input only with high impendence – TTL/Schmitt trigger input selectable – I/O pin configured as interrupt source with edge/level trigger setting – High driver and high sink IO mode support (To source 20mA and sink 15mA at 5V) – Supports up to 144/114/101/77 GPIOs for LQFP176/144/128/100, respectively. PDMA (Peripheral DMA) – Supports 16 independent configurable channels for automatic data transfer between memories and peripherals – Supports normal and Scatter-Gather Transfer modes – Supports 2 types of priorities modes: fixed-priority and round-robin modes – Supports byte-, half-word- and word-access – Auto increment the source and destination address – Supports 16-level FIFO – Supports bus abort status flag Timer – Supports 4 sets of 32-bit timers with 24-bit up-timer and one 8-bit pre-scale counter – Independent clock source for each timer – Provides one-shot, periodic, toggle and continuous counting operation modes – Supports event counting function to count the event from external pin – Supports input capture function to capture or reset counter value PWM – Supports up to two 6-channel PWM outputs with 16-bit resolution – Supports 8-bit presale and clock divider – Supports period point, center point and edge point PWM Interrupt – Supports One-shot or Auto-reload PWM counter operation mode – Supports Edge-aligned or Center-aligned PWM counter type – Supports 8-bit dead zone with maximum divided 8 pre-scale – Supports brake function source from pin or comparator output – Supports mask function for each PWM pin – Supports independent, complementary, synchronized and group PWM output mode – Supports trigger ADC start conversion at PWM counter period point, PWM counter center point, PWM output rising edge and PWM output falling edge – Supports 12 Capture input channels with 16-bit resolution – Supports rising or falling capture condition – Supports capture interrupt EPWM (Enhanced PWM) – Supports up to two EPWM – Each EPWM has |
Similar Part No. - NUC472HI8AE |
|
Similar Description - NUC472HI8AE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |