Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28LV64W-20T Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT28LV64W-20T
Description  64K-Bit CMOS PARALLEL EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28LV64W-20T Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT28LV64W-20T Datasheet HTML 1Page - Catalyst Semiconductor CAT28LV64W-20T Datasheet HTML 2Page - Catalyst Semiconductor CAT28LV64W-20T Datasheet HTML 3Page - Catalyst Semiconductor CAT28LV64W-20T Datasheet HTML 4Page - Catalyst Semiconductor CAT28LV64W-20T Datasheet HTML 5Page - Catalyst Semiconductor CAT28LV64W-20T Datasheet HTML 6Page - Catalyst Semiconductor CAT28LV64W-20T Datasheet HTML 7Page - Catalyst Semiconductor CAT28LV64W-20T Datasheet HTML 8Page - Catalyst Semiconductor CAT28LV64W-20T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
CMOS and TTL compatible I/O
Automatic page write operation:
– 1 to 32 bytes in 5ms
– Page load timer
End of write detection:
– Toggle bit
DATA
DATA
DATA
DATA
DATA polling
Hardware and software write protection
100,000 program/erase cycles
100 year data retention
CAT28LV64
64K-Bit CMOS PARALLEL EEPROM
DESCRIPTION
The CAT28LV64 is a low voltage, low power, CMOS
parallel EEPROM organized as 8K x 8-bits. It requires a
simple interface for in-system programming. On-chip
address and data latches, self-timed write cycle with auto-
clear and VCC power up/down write protection eliminate
additional timing and protection hardware. DATA Polling
and Toggle status bit signal the start and end of the self-
timed write cycle. Additionally, the CAT28LV64 features
hardware and software write protection.
The CAT28LV64 is manufactured using Catalyst’s
advanced CMOS floating gate technology. It is designed
to endure 100,000 program/erase cycles and has a data
retention of 100 years. The device is available in JEDEC
approved 28-pin DIP, 28-pin TSOP, 28-pin SOIC or 32-
pin PLCC packages.
BLOCK DIAGRAM
FEATURES
3.0V to 3.6 V Supply
Read access times:
– 150/200/250ns
Low power CMOS dissipation:
– Active: 8 mA max.
– Standby: 100
µA max.
Simple write operation:
– On-chip address and data latches
– Self-timed write cycle with auto-clear
Fast write cycle time:
– 5ms max.
Commercial, industrial and automotive
temperature ranges
Doc. No. 1010, Rev. D
ADDR. BUFFER
& LATCHES
ADDR. BUFFER
& LATCHES
INADVERTENT
WRITE
PROTECTION
CONTROL
LOGIC
TIMER
ROW
DECODER
COLUMN
DECODER
HIGH VOLTAGE
GENERATOR
A5–A12
CE
OE
WE
A0–A4
I/O0–I/O7
I/O BUFFERS
8,192 x 8
E2PROM
ARRAY
32 BYTE PAGE
REGISTER
VCC
DATA POLLING
AND
TOGGLE BIT
ALO
GEN FR
TM
LEAD FREE


Similar Part No. - CAT28LV64W-20T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28LV64W-20T ONSEMI-CAT28LV64W-20T Datasheet
157Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
More results

Similar Description - CAT28LV64W-20T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C64BL12 ONSEMI-CAT28C64BL12 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64B ONSEMI-CAT28C64B Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BN-20 ONSEMI-CAT28C64BN-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BP-20 ONSEMI-CAT28C64BP-20 Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C65BP12 ONSEMI-CAT28C65BP12 Datasheet
81Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
logo
Catalyst Semiconductor
CAT28LV65 CATALYST-CAT28LV65_05 Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C64B CATALYST-CAT28C64B_05 Datasheet
415Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
Seiko Instruments Inc
S-2860B SII-S-2860B Datasheet
971Kb / 18P
   CMOS 64K-bit PARALLEL EEPROM
logo
Catalyst Semiconductor
CAT28C65B CATALYST-CAT28C65B_05 Datasheet
418Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64BJ-20 ONSEMI-CAT28C64BJ-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com