Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS80C31-12W Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS80C31-12W
Description  CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS80C31-12W Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS80C31-12W Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS80C31-12W Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS80C31-12W Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS80C31-12W Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS80C31-12W Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS80C31-12W Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS80C31-12W Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS80C31-12W Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS80C31-12W Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
IS80C51
IS80C31
8
Integrated Silicon Solution, Inc. — 1-800-379-4774
MC003-1D
11/19/98
ISSI®
SPECIAL FUNCTION REGISTERS
The Special Function Registers (SFR's) are located in
upper 128 Bytes direct addressing area. The SFR Memory
Map in Figure 6 shows that.
Not all of the addresses are occupied. Unoccupied
addresses are not implemented on the chip. Read accesses
to these addresses in general return random data, and
write accesses have no effect.
User software should not write 1s to these unimplemented
locations, since they may be used in future microcontrollers
to invoke new features. In that case, the reset or inactive
values of the new bits will always be 0, and their active
values will be 1.
The functions of the SFRs are outlined in the following
sections, and detailed in Table 2.
Accumulator (ACC)
ACC is the Accumulator register. The mnemonics for
Accumulator-specific instructions, however, refer to the
Accumulator simply as A.
B Register (B)
The B register is used during multiply and divide operations.
For other instructions it can be treated as another scratch
pad register.
Program Status Word (PSW). The PSW register contains
program status information.
Figure 6. Internal Data Memory and SFR Memory Map
Accessible
by Direct
Addressing
Not Available
in
IS80C51/31
Accessible
by Direct
and Indirect
Addressing
80H
7FH
0
FFH
80H
Upper
128
Lower
128
Special
Function
Registers
Ports,
Status and
Control Bits,
Timer,
Registers,
Stack Pointer,
Accumulator
(Etc.)
B
ACC
PSW
IP
P3
IE
P2
SCON
P1
TCON
P0
Bit
Addressable
F8
F0
E8
E0
D8
D0
C8
C0
B8
B0
A8
A0
98
90
88
80
FF
F7
EF
E7
DF
D7
CF
C7
BF
B7
AF
A7
9F
97
8F
87
SBUF
TMOD
SP
TL0
DPL
TL1
DPH
TH0
TH1
PCON
Figure 7. Lower 128 Bytes of Internal RAM
78
70
68
60
58
50
48
40
38
30
28
20
18
10
08
00
7F
77
6F
67
5F
57
4F
47
3F
37
2F
27
1F
17
0F
07
...7F
0 ...
BANK3
BANK2
BANK 1
BANK 0
8 BYTES
REGISTER
BANKS
BIT
ADDRESSABLE
SEGMENT
SCRATCH
PAD
AREA


Similar Part No. - IS80C31-12W

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS80C32 ISSI-IS80C32 Datasheet
382Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80C32-12PL ISSI-IS80C32-12PL Datasheet
382Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80C32-12PLI ISSI-IS80C32-12PLI Datasheet
382Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80C32-12PQ ISSI-IS80C32-12PQ Datasheet
382Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80C32-12PQI ISSI-IS80C32-12PQI Datasheet
382Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
More results

Similar Description - IS80C31-12W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com