Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N575C145 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # N575C145
Description  system-on-chip product optimized
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N575C145 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button N575C145 Datasheet HTML 2Page - List of Unclassifed Manufacturers N575C145 Datasheet HTML 3Page - List of Unclassifed Manufacturers N575C145 Datasheet HTML 4Page - List of Unclassifed Manufacturers N575C145 Datasheet HTML 5Page - List of Unclassifed Manufacturers N575C145 Datasheet HTML 6Page - List of Unclassifed Manufacturers N575C145 Datasheet HTML 7Page - List of Unclassifed Manufacturers N575C145 Datasheet HTML 8Page - List of Unclassifed Manufacturers N575C145 Datasheet HTML 9Page - List of Unclassifed Manufacturers N575C145 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
N575C145 Data Sheet
Release Date: Sept, 2015
- 6 -
Version A1.0
Master/Slave up to 1M bit/s
Bidirectional data transfer between masters and slaves
Multi-master bus (no central master).
Arbitration between simultaneously transmitting masters without corruption of serial data on
the bus
Serial clock synchronization allows devices with different bit rates to communicate via one
serial bus.
Serial clock synchronization can be used as a handshake mechanism to suspend and resume
serial transfer.
Programmable clock allowing versatile rate control.
I
2C-bus controller supports multiple address recognition.
I
2S
Interface with external audio CODEC.
Operate as either master or slave.
Capable of handling 8, 16, 24 and 32-bit word sizes
Mono and stereo audio data supported
I
2S and MSB justified data format supported
Two 8 word FIFO data buffers are provided, one for transmit and one for receive
Generates interrupt requests when buffer levels cross a programmable boundary
Supports DMA requests, for transmit and receive
Brown-out detector
With 8 levels: 2.1V, 2.2V, 2.4V, 2.5V, 2.625V, 2.8V, 3.0V, and 4.6V
Supports time-multiplex operation to minimize power consumption.
Supports Brownout Interrupt and Reset option
Built-in Low Dropout Voltage Regulator (LDO)
Capable of delivering 30mA load current.
Configurable for output voltage of 1.8V, 2.4V, 3.0V and 3.3V
Eight GPIO (GPIOA<7:0>) operate from LDO voltage domain allowing direct interface to, for
example, 3V SPI Flash.
Can be bypassed and voltage domain supplied directly from system power.
Additional Features
Over temperature alarm. Can generate interrupt if device exceeds safe operating temperature.
Temperature proportional voltage source which can be routed to ADC for temperature
measurements.
Digital Microphone interface.
Support Voice Recognition algorithm
Operating Temperature: -20
C ~ 85C


Similar Part No. - N575C145

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N575C145 NUVOTON-N575C145 Datasheet
613Kb / 23P
   The N575C145 is a system-on-chip product optimized for low power, audio record and playback with an embedded ARM짰 Cortex??M0 32-bit microcontroller core.
More results

Similar Description - N575C145

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N575F145 ETC2-N575F145 Datasheet
695Kb / 21P
   system-on-chip product
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
logo
Cypress Semiconductor
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com