Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28LV64T-20T Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT28LV64T-20T
Description  64K-Bit CMOS PARALLEL EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28LV64T-20T Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT28LV64T-20T Datasheet HTML 1Page - Catalyst Semiconductor CAT28LV64T-20T Datasheet HTML 2Page - Catalyst Semiconductor CAT28LV64T-20T Datasheet HTML 3Page - Catalyst Semiconductor CAT28LV64T-20T Datasheet HTML 4Page - Catalyst Semiconductor CAT28LV64T-20T Datasheet HTML 5Page - Catalyst Semiconductor CAT28LV64T-20T Datasheet HTML 6Page - Catalyst Semiconductor CAT28LV64T-20T Datasheet HTML 7Page - Catalyst Semiconductor CAT28LV64T-20T Datasheet HTML 8Page - Catalyst Semiconductor CAT28LV64T-20T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CAT28LV64
5
Doc. No. 1010, Rev. D
28LV64-15
28LV64-20
28LV64-25
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Units
tWC
Write Cycle Time
5
5
5
ms
tAS
Address Setup Time0
0
0
0
ns
tAH
Address Hold Time
100
100
100
ns
tCS
CE Setup Time
0
0
0
ns
tCH
CE Hold Time
0
0
0
ns
tCW(2)
CE Pulse Time
110
150
150
ns
tOES
OE Setup Time
0
10
10
ns
tOEH
OE Hold Time
0
10
10
ns
tWP(2)
WE Pulse Width
110
150
150
ns
tDS
Data Setup Time
60
100
100
ns
tDH
Data Hold Time
0
0
0
ns
tINIT(1)
Write Inhibit Period
After Power-up
5
10
5
10
5
10
ms
tBLC(1)(3)
Byte Load Cycle Time
0.05
100
0.1
100
0.1
100
µs
DEVICE
UNDER
TEST
Vcc
1.8 K
OUTPUT
CL INCLUDES JIG CAPACITANCE
CL= 100 pF
1. 3K
INPUT PULSE LEVELS
REFERENCE POINTS
2.0 V
0.6 V
V
- 0.3 V
0.0 V
CC
Figure 1. A.C. Testing Input/Output Waveform(4)
Figure 2. A.C. Testing Load Circuit (example)
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) A write pulse of less than 20ns duration will not initiate a write cycle.
(3) A timer of duration tBLC max. begins with every LOW to HIGH transition of WE. If allowed to time out, a page or byte write will begin;
however a transition from HIGH to LOW within tBLC max. stops the timer.
(4) Input rise and fall times (10% and 90%) < 10 ns.
A.C. CHARACTERISTICS, Write Cycle
Vcc = 3.0V to 3.6V, unless otherwise specified.


Similar Part No. - CAT28LV64T-20T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28LV64T13-25T CATALYST-CAT28LV64T13-25T Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64T13-30T CATALYST-CAT28LV64T13-30T Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64T13-35T CATALYST-CAT28LV64T13-35T Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64T13A-25T CATALYST-CAT28LV64T13A-25T Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64T13A-30T CATALYST-CAT28LV64T13A-30T Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
More results

Similar Description - CAT28LV64T-20T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C64BL12 ONSEMI-CAT28C64BL12 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64B ONSEMI-CAT28C64B Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BN-20 ONSEMI-CAT28C64BN-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BP-20 ONSEMI-CAT28C64BP-20 Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C65BP12 ONSEMI-CAT28C65BP12 Datasheet
81Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
logo
Catalyst Semiconductor
CAT28LV65 CATALYST-CAT28LV65_05 Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C64B CATALYST-CAT28C64B_05 Datasheet
415Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
Seiko Instruments Inc
S-2860B SII-S-2860B Datasheet
971Kb / 18P
   CMOS 64K-bit PARALLEL EEPROM
logo
Catalyst Semiconductor
CAT28C65B CATALYST-CAT28C65B_05 Datasheet
418Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64BJ-20 ONSEMI-CAT28C64BJ-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com