Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N567KXXX Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # N567KXXX
Description  powerful microcontroller (uC)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N567KXXX Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button N567KXXX Datasheet HTML 2Page - List of Unclassifed Manufacturers N567KXXX Datasheet HTML 3Page - List of Unclassifed Manufacturers N567KXXX Datasheet HTML 4Page - List of Unclassifed Manufacturers N567KXXX Datasheet HTML 5Page - List of Unclassifed Manufacturers N567KXXX Datasheet HTML 6Page - List of Unclassifed Manufacturers N567KXXX Datasheet HTML 7Page - List of Unclassifed Manufacturers N567KXXX Datasheet HTML 8Page - List of Unclassifed Manufacturers N567KXXX Datasheet HTML 9Page - List of Unclassifed Manufacturers N567KXXX Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
N567KXXX
Publication Release Date: Feb. 2014
- 6 -
Revision A12
Part
Number
N567K200
/N567K201
N567K240
N567K280
N567K330
ROM (Byte)
638K
768K
896K
1022K
RAM (Byte)
384
384
384
384
Duration
192 sec
233 sec
272 sec
311 sec
System Clock
TRIM
TRIM/X
’tal
TRIM/X
’tal
TRIM/X
’tal
In : Bid
0 :24
8 : 24
8 : 24
8 : 24
Audio Output
DAC
PWM
DAC
PWM
DAC
PWM
DAC
PWM
Speaker
1
1
1
1
Mixer Input
6
6
6
6
Synthesis Algorithm
MDPCM
ADPCM
PCM
MDPCM
ADPCM
PCM
MDPCM
ADPCM
PCM
MDPCM
ADPCM
PCM
IR-Carrier (Tx)
64-Level Output
X
*3-Pair
*3-Pair
*3-Pair
Watch Dog Timer
(WDT)
Low Voltage Reset
(LVR)
SIM for
W55F/W551C
X
SIM for SPI Flash
Interface
X
Stop mode
PowerScript
Note *:BP00/02/04 are defined as 3 H/W PWM I/O pins. They can be paired with BP01/03/05 respectively by same (or
opposite) phase of output waveform
Table 1: N567Kxxx family selection guide


Similar Part No. - N567KXXX

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N567KXXX NUVOTON-N567KXXX Datasheet
638Kb / 15P
   The N567Kxxx is a powerful microcontroller (uC) dedicated to speech and melody synthesis
More results

Similar Description - N567KXXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N567K081 ETC2-N567K081 Datasheet
519Kb / 11P
   powerful microcontroller (uC)
N567GXXX ETC2-N567GXXX Datasheet
638Kb / 15P
   powerful microcontroller
logo
Nuvoton Technology Corp...
N567KXXX NUVOTON-N567KXXX Datasheet
638Kb / 15P
   The N567Kxxx is a powerful microcontroller (uC) dedicated to speech and melody synthesis
N567K081 NUVOTON-N567K081 Datasheet
519Kb / 11P
   The N567K081 is a powerful microcontroller (uC) dedicated to speech and melody synthesis applications.
W567BXXX NUVOTON-W567BXXX Datasheet
494Kb / 13P
   The W567Bxxx is a powerful microcontroller (uC) dedicated to speech and melody synthesis applications.
logo
Texas Instruments
CC2538 TI1-CC2538_15 Datasheet
920Kb / 33P
[Old version datasheet]   Powerful Wireless Microcontroller System-On-Chip
logo
Rochester Electronics
TN87C196KC-20 ROCHESTER-TN87C196KC-20 Datasheet
1Mb / 26P
   POWERFUL MICROCONTROLLER for use in the automotive market
TN87C51FA ROCHESTER-TN87C51FA Datasheet
599Kb / 1P
   POWERFUL MICROCONTROLLER from the MCS 51 controller family 44 pin LDCC
TP80C51FA ROCHESTER-TP80C51FA Datasheet
1,007Kb / 1P
   POWERFUL MICROCONTROLLER from the MCS 51 controller family 40 pin DIP
logo
AAEON Technology
TF-PER-M08 AAEON-TF-PER-M08 Datasheet
228Kb / 1P
   Powerful Scanning Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com