Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N567H121 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # N567H121
Description  32-bit MicrocontrollerTable of Contents
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N567H121 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  N567H121 Datasheet HTML 1Page - List of Unclassifed Manufacturers N567H121 Datasheet HTML 2Page - List of Unclassifed Manufacturers N567H121 Datasheet HTML 3Page - List of Unclassifed Manufacturers N567H121 Datasheet HTML 4Page - List of Unclassifed Manufacturers N567H121 Datasheet HTML 5Page - List of Unclassifed Manufacturers N567H121 Datasheet HTML 6Page - List of Unclassifed Manufacturers N567H121 Datasheet HTML 7Page - List of Unclassifed Manufacturers N567H121 Datasheet HTML 8Page - List of Unclassifed Manufacturers N567H121 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
N567HXXX
Publication Release Date: Feb. 2014
- 5 -
Revision A12
3. FAMILY OVERVIEW
The characteristics of N567Hxxx series are depicted in Table 1.
Part
Number
N567H030
N567H041
N567H080
N567H120,
/N567H121
N567H160
/N567H161
ROM (Byte)
126K
158K
286K
416K
528K
RAM (Byte)
384
384
384
384
384
Duration
1
34 sec
44 sec
84 sec
124 sec
158 sec
System Clock
TRIM/X
’tal
TRIM/X
’tal
TRIM
TRIM
TRIM
In : Bid
2
0 : 24
0 : 24
0 : 24
0 : 24
0 : 24
Audio Output
DAC
PWM
DAC
PWM
DAC
PWM
DAC
PWM
DAC
PWM
Speaker
1
1
1
1
1
Mixer Input
8
8
8
8
8
Synthesis
Algorithm
MDPCM
ADPCM
PCM
MDPCM
ADPCM
PCM
MDPCM
ADPCM
PCM
MDPCM
ADPCM
PCM
MDPCM
ADPCM
PCM
IR-Carrier (Tx)
64-Level Output
X
X
X
X
X
Watch Dog
Timer (WDT)
Low Voltage
Reset (LVR)
SIM for SPI
Flash Interface
X
X
Stop mode
PowerScript
1 The F/W library & program code are excluded from the ROM space for the duration estimate, which is based on 6-KHz
sample rate & 4-bit NM4 algorithm.
2 "In" is the number of input pins; "Bid" is the number of Bi-directional pins.


Similar Part No. - N567H121

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N567H121 NUVOTON-N567H121 Datasheet
639Kb / 15P
   ARM짰 Cortex짰-M 32-bit MicrocontrollerTable of Contents
More results

Similar Description - N567H121

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N567HXXX NUVOTON-N567HXXX Datasheet
639Kb / 15P
   ARM짰 Cortex짰-M 32-bit MicrocontrollerTable of Contents
logo
Freescale Semiconductor...
MC908AP16CFAE FREESCALE-MC908AP16CFAE Datasheet
1Mb / 324P
   Table of Contents
logo
Renesas Technology Corp
TSI721 RENESAS-TSI721 Datasheet
633Kb / 67P
   Table of Contents
April 4, 2016
logo
AVX Corporation
9159 AVX-9159 Datasheet
2Mb / 63P
   Table of Contents
logo
Analog Devices
ADP1761-EVALZ AD-ADP1761-EVALZ Datasheet
486Kb / 9P
   TABLE OF CONTENTS
logo
Tyco Electronics
3-641214-8 MACOM-3-641214-8 Datasheet
2Mb / 84P
   Table of Contents
1410946-1 MACOM-1410946-1 Datasheet
1Mb / 26P
   Table of Contents
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2_13 Datasheet
3Mb / 81P
[Old version datasheet]   Introduction and Table of Contents
logo
Tyco Electronics
2-1437683-0 MACOM-2-1437683-0 Datasheet
367Kb / 18P
   Table of Contents?봊nterface Module Systems
2-1437684-0 MACOM-2-1437684-0 Datasheet
367Kb / 18P
   Table of Contents?봊nterface Module Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com