Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N551C321 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # N551C321
Description  32Mbit Mask ROM with interface with Nuvoton PowerSpeech
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N551C321 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  N551C321 Datasheet HTML 1Page - List of Unclassifed Manufacturers N551C321 Datasheet HTML 2Page - List of Unclassifed Manufacturers N551C321 Datasheet HTML 3Page - List of Unclassifed Manufacturers N551C321 Datasheet HTML 4Page - List of Unclassifed Manufacturers N551C321 Datasheet HTML 5Page - List of Unclassifed Manufacturers N551C321 Datasheet HTML 6Page - List of Unclassifed Manufacturers N551C321 Datasheet HTML 7Page - List of Unclassifed Manufacturers N551C321 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
N551C321
- 7 -
7.2
SPI Mode
MCU
(W588Dxxx)
BP1[5]
BP1[6]
BP1[4]
N551C321
(SPI Mode)
CSB
SCLK
SDI
SDO
BP1[3]
8.
REVISION HISTORY
Version
Date
Reasons For Change
A1.0
Nov, 2010
First establishment
A2.0
Sep-2011
Revise ADDR, CLK spec in page 5


Similar Part No. - N551C321

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N551C321 NUVOTON-N551C321 Datasheet
493Kb / 8P
   Wide range of operation voltage: 2.4 ~ 5.5V @ normal read mode
More results

Similar Description - N551C321

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N551C161 ETC2-N551C161 Datasheet
470Kb / 6P
   16-Mbit Mask ROM with interface with Nuvoton PowerSpeech
logo
ELAN Microelectronics C...
EM78458 EMC-EM78458 Datasheet
399Kb / 62P
   8-Bit Microcontroller with MASK ROM
EM78156E EMC-EM78156E Datasheet
420Kb / 48P
   8-Bit Microcontroller with MASK ROM
logo
EM Microelectronic - MA...
EM65XX EMMICRO-EM65XX Datasheet
274Kb / 28P
   Mask Rom
logo
Macronix International
MX23L1654 MCNIX-MX23L1654 Datasheet
208Kb / 18P
   16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
logo
Nuvoton Technology Corp...
N55S064 NUVOTON-N55S064 Datasheet
196Kb / 17P
   64M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
logo
NEC
UPD23C256112A NEC-UPD23C256112A Datasheet
199Kb / 32P
   NAND INTERFACE 256M-BIT MASK-PROGRAMMABLE ROM
logo
Generalplus Technology ...
GPR26L080A GENERALPLUS-GPR26L080A Datasheet
287Kb / 17P
   8M-BIT Low Voltage, Serial Mask ROM with 50MHz SPI Bus Interface
GPR26L160A GENERALPLUS-GPR26L160A Datasheet
256Kb / 16P
   16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
logo
Nuvoton Technology Corp...
N55S016 NUVOTON-N55S016 Datasheet
492Kb / 17P
   16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com