Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N55P162 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # N55P162
Description  8 ~ 24 I/O EXPANDER WITH 256-lEVEL PWM OUTPUT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N55P162 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  N55P162 Datasheet HTML 1Page - List of Unclassifed Manufacturers N55P162 Datasheet HTML 2Page - List of Unclassifed Manufacturers N55P162 Datasheet HTML 3Page - List of Unclassifed Manufacturers N55P162 Datasheet HTML 4Page - List of Unclassifed Manufacturers N55P162 Datasheet HTML 5Page - List of Unclassifed Manufacturers N55P162 Datasheet HTML 6Page - List of Unclassifed Manufacturers N55P162 Datasheet HTML 7Page - List of Unclassifed Manufacturers N55P162 Datasheet HTML 8Page - List of Unclassifed Manufacturers N55P162 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
N55Pxxx Data Sheet
Release Date: Mar. 2017
- 5 -
Version A2.1
3. Pad Description
Pad Name
Type
Power
Supply
Description
BPA0 ~ BPA7
IO
VDDIOA
General-purpose IO, BPA port.
BPB0 ~ BPB7
IO
VDDIOB
General-purpose IO, BPB port.
BPC0 ~ BPC7
IO
VDDIOC
General-purpose IO, BPC port.
RJPA
I
VDDIOA
RJPA is connected to an external resistor to set the constant current of
BPA port. It can be NC if constant current is not enabled.
RJPB
I
VDDIOB
RJPB is connected to an external resistor to set the constant current of
BPB port. It can be NC if constant current is not enabled.
RJPC
I
VDDIOC
RJPC is connected to an external resistor to set the constant current of
BPC port. It can be NC if constant current is not enabled.
CSB
I
VDDSPI
SPI chip select (low active)
SCK
I
VDDSPI
SPI clock
MOSI
I
VDDSPI
SPI data input
MISO
O
VDDSPI
SPI data output (clock output if TEST bit is “1”)
DEVICE
I
VDDSPI
Device ID (floating)
WAKEUP
O
VDDSPI
Host wakeup
VDD
P
Positive power supply for core logic
VDDSPI
P
Positive power supply for SPI pads
VSS
P
Negative power supply for core logic and SPI pads
VDDIOA
P
Positive power supply for BPA port
VSSIOA
P
Negative power supply for BPA port
VDDIOB
P
Positive power supply for BPB port
VSSIOB
P
Negative power supply for BPB port
VDDIOC
P
Positive power supply for BPC port
VSSIOC
P
Negative power supply for BPC port


Similar Part No. - N55P162

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N55P162 NUVOTON-N55P162 Datasheet
648Kb / 18P
   8 ~ 24 I/O EXPANDER WITH 256-lEVEL PWM OUTPUT
N55P162N32 NUVOTON-N55P162N32 Datasheet
648Kb / 18P
   8 ~ 24 I/O EXPANDER WITH 256-lEVEL PWM OUTPUT
More results

Similar Description - N55P162

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N55PXXX NUVOTON-N55PXXX Datasheet
648Kb / 18P
   8 ~ 24 I/O EXPANDER WITH 256-lEVEL PWM OUTPUT
logo
Renesas Technology Corp
M66010FP RENESAS-M66010FP Datasheet
1Mb / 6P
   24-BIT I/O EXPANDER
R8A66151SP RENESAS-R8A66151SP Datasheet
432Kb / 8P
   24-BIT I/O EXPANDER
logo
Mitsubishi Electric Sem...
M66010FP MITSUBISHI-M66010FP Datasheet
65Kb / 5P
   24-BIT I/O EXPANDER
logo
Texas Instruments
PCA9554 TI1-PCA9554_15 Datasheet
768Kb / 34P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
PCA9554A TI1-PCA9554A_15 Datasheet
1Mb / 40P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
PCA9555 TI1-PCA9555_15 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
logo
Renesas Technology Corp
M66013FP RENESAS-M66013FP Datasheet
88Kb / 5P
   8-bit I/O Expander with Address
logo
Mitsubishi Electric Sem...
M66013FP MITSUBISHI-M66013FP Datasheet
33Kb / 2P
   8-BIT I/O EXPANDER WITH ADDRESS
logo
Texas Instruments
PCF8574A TI1-PCF8574A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Remote 8-Bit I/O Expander
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com