Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89C52 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # 89C52
Description  CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8-Kbytes of FLASH
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

89C52 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  89C52 Datasheet HTML 1Page - Integrated Silicon Solution, Inc 89C52 Datasheet HTML 2Page - Integrated Silicon Solution, Inc 89C52 Datasheet HTML 3Page - Integrated Silicon Solution, Inc 89C52 Datasheet HTML 4Page - Integrated Silicon Solution, Inc 89C52 Datasheet HTML 5Page - Integrated Silicon Solution, Inc 89C52 Datasheet HTML 6Page - Integrated Silicon Solution, Inc 89C52 Datasheet HTML 7Page - Integrated Silicon Solution, Inc 89C52 Datasheet HTML 8Page - Integrated Silicon Solution, Inc 89C52 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
IS89C52
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
MC013-1C
11/21/98
ISSI®
ISSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors which
may appear in this publication. © Copyright 1998, Integrated Silicon Solution, Inc.
IS89C52
CMOS SINGLE CHIP
8-BIT MICROCONTROLLER
with 8-Kbytes of FLASH
NOVEMBER 1998
FEATURES
• 80C51 based architecture
• 8-Kbytes of on-chip Reprogrammable Flash
Memory
• 256 x 8 RAM
• Three 16-bit Timer/Counters
• Full duplex serial channel
• Boolean processor
• Four 8-bit I/O ports, 32 I/O lines
• Memory addressing capability
– 64K ROM and 64K RAM
• Program memory lock
– Lock bits (3)
Power save modes:
– Idle and power-down
• Eight interrupt sources
• Most instructions execute in 0.3
µs
• CMOS and TTL compatible
• Maximum speed: 40 MHz @ Vcc = 5V
• Industrial temperature available
• Packages available:
– 40-pin DIP
– 44-pin PLCC
– 44-pin PQFP
GENERAL DESCRIPTION
The
ISSI IS89C52 is a high-performance microcontroller
fabricated using high-density CMOS technology. The
CMOS IS89C52 is functionally compatible with the
industry standard 80C51 microcontrollers.
The IS89C52 is designed with 8-Kbytes of Flash
memory, 258 x 8 RAM; 32 programmable I/O lines; a serial
I/O port for either multiprocessor communications, I/O
expansion or full duplex UART; three 16-bit timer/counters;
an eight-source, two-priority-level, nested interrupt
structure; and an on-chip oscillator and clock circuit. The
IS89C52 can be expanded using standard TTL compatible
memory.
Figure 1. IS89C52 Pin Configuration: 40-pin PDIP
ISSI®
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
T2/P1.0
T2EX/P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
RST
RxD/P3.0
TxD/P3.1
INT0/P3.2
INT1/P3.3
T0/P3.4
T1/P3.5
WR/P3.6
RD/P3.7
XTAL2
XTAL1
GND
VCC
P0.0/AD0
P0.1/AD1
P0.2/AD2
P0.3/AD3
P0.4/AD4
P0.5/AD5
P0.6/AD6
P0.7/AD7
EA/VPP
ALE/PROG
PSEN
P2.7/A15
P2.6/A14
P2.5/A13
P2.4/A12
P2.3/A11
P2.2/A10
P2.1/A9
P2.0/A8


Similar Part No. - 89C52

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
89C52 PHILIPS-89C52 Datasheet
212Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
89C52 PHILIPS-89C52 Datasheet
226Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
89C52 PHILIPS-89C52 Datasheet
245Kb / 39P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
More results

Similar Description - 89C52

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC89LV52 ICSI-IC89LV52 Datasheet
218Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
IC89C52 ICSI-IC89C52 Datasheet
131Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
logo
Integrated Silicon Solu...
IS89C51 ISSI-IS89C51 Datasheet
280Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 4-Kbytes of FLASH
logo
Integrated Circuit Solu...
IC89C54 ICSI-IC89C54 Datasheet
142Kb / 24P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 16/32/64-Kbytes of FLASH
logo
ATMEL Corporation
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
logo
Intel Corporation
M87C51 INTEL-M87C51 Datasheet
1Mb / 13P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4 KBYTES OF EPROM PROGRAM MEMORY
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Siemens Semiconductor G...
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com