Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3640H393KGGWCTU Datasheet(PDF) 4 Page - Kemet Corporation

Part # C3640H393KGGWCTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C3640H393KGGWCTU Datasheet(HTML) 4 Page - Kemet Corporation

  C3640H393KGGWCTU Datasheet HTML 1Page - Kemet Corporation C3640H393KGGWCTU Datasheet HTML 2Page - Kemet Corporation C3640H393KGGWCTU Datasheet HTML 3Page - Kemet Corporation C3640H393KGGWCTU Datasheet HTML 4Page - Kemet Corporation C3640H393KGGWCTU Datasheet HTML 5Page - Kemet Corporation C3640H393KGGWCTU Datasheet HTML 6Page - Kemet Corporation C3640H393KGGWCTU Datasheet HTML 7Page - Kemet Corporation C3640H393KGGWCTU Datasheet HTML 8Page - Kemet Corporation C3640H393KGGWCTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1035_C0G_PULSE_SMD • 8/2/2016
4
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Pulse Discharge, High Voltage, High Temperature 200°C C0G Dielectric, 1,000 VDC – 3,500 VDC (Industrial Grade)
Electrical Parameters/Characteristics
Item
Parameters/Characteristics
Operating Temperature Range
−55°C to +200°C
Capacitance Change with Reference to
+25°C and 0 VDC Applied (TCC)
±30 ppm/ºC
Aging Rate (Maximum % Capacitance Loss/Decade Hour)
0%
1
Dielectric Withstanding Voltage (DWV)
See product selection table (product waterfall) for available ratings
2
Dissipation Factor (DF) Maximum Limit at 25ºC
0.1%
3
Insulation Resistance (IR) Minimum Limit at 25°C
1,000 megohm microfarads or 100 GΩ
(500 VDC applied for 120±5 seconds at 25°C)
1
DWV is the voltage a capacitor can withstand (survive) for a short period of time. It exceeds the nominal and continuous working voltage of the
capacitor.
2
Capacitance and dissipation factor (DF) measured under the following conditions:
1 MHz ±100 kHz and 1.0 Vrms ±0.2 V if capacitance ≤ 1,000 pF
1 kHz ± 50 Hz and 1.0 Vrms ±0.2 V if capacitance > 1,000 pF
3
To obtain IR limit, divide MΩ-µF value by the capacitance and compare to GΩ limit. Select the lower of the two limits.
Note: When measuring capacitance it is important to ensure the set voltage level is held constant. The HP4284 and Agilent E4980 have a feature known
as Automatic Level Control (ALC). The ALC feature should be switched to “ON.”
Post Environmental Limits
High Temperature Life, Biased Humidity, Moisture Resistance
Dielectric
Rated DC
Voltage
Capacitance
Value
Dissipation Factor
(Maximum %)
Capacitance
Shift
Insulation
Resistance
C0G
All
All
0.5
0.3% or ±0.25 pF
10% of Initial
Limit
Electrical Characteristics
Discharge Current vs. Applied Voltage
0
1,000
2,000
3,000
4,000
0
500 1,000 1,500 2,000 2,500 3,000 3,500 4,000
Applied Voltage (V)
150nF 1000V
100nF 1250V
68nF 2000V
27nF 3000V
18nF 3500V
Energy Density vs. Applied Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
500
1,000
1,500
2,000
2,500
3,000
Applied Voltage (V)
KEMET HT C0G 4540 68nF
Competitor N2200 3640 200nF
Breakdown
HT C0G
Breakdown
N2200
Discharge
N2200
Discharge
HT C0G


Similar Part No. - C3640H393KGGWCTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C3640H393KGGACTU KEMET-C3640H393KGGACTU Datasheet
1Mb / 26P
   Surface Mount Multilayer Ceramic Chip Capacitors
C3640H393KGGAETU KEMET-C3640H393KGGAETU Datasheet
1Mb / 26P
   Surface Mount Multilayer Ceramic Chip Capacitors
C3640H393KGGAFTU KEMET-C3640H393KGGAFTU Datasheet
1Mb / 26P
   Surface Mount Multilayer Ceramic Chip Capacitors
C3640H393KGGAGTU KEMET-C3640H393KGGAGTU Datasheet
1Mb / 26P
   Surface Mount Multilayer Ceramic Chip Capacitors
C3640H393KGGALTU KEMET-C3640H393KGGALTU Datasheet
1Mb / 26P
   Surface Mount Multilayer Ceramic Chip Capacitors
More results

Similar Description - C3640H393KGGWCTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com