Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

81CNQ Datasheet(PDF) 2 Page - International Rectifier

Part # 81CNQ
Description  SCHOTTKY RECTIFIER 80 Amp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

81CNQ Datasheet(HTML) 2 Page - International Rectifier

  81CNQ Datasheet HTML 1Page - International Rectifier 81CNQ Datasheet HTML 2Page - International Rectifier 81CNQ Datasheet HTML 3Page - International Rectifier 81CNQ Datasheet HTML 4Page - International Rectifier 81CNQ Datasheet HTML 5Page - International Rectifier 81CNQ Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
81CNQ... Series
2
PD-2.237 rev. B 01/99
www.irf.com
T
J
Max.JunctionTemperatureRange
-55to175
°C
T
stg
Max.StorageTemperatureRange
-55to175
°C
R
thJC
Max.ThermalResistanceJunction
0.85
°C/W
DCoperation
* See Fig. 4
toCase (Per Leg)
R
thJC
Max.ThermalResistanceJunction
0.42
°C/W
DCoperation
toCase(Per Package)
R
thCS
TypicalThermalResistance,Case
0.30
°C/W
Mountingsurface,smoothandgreased
to Heatsink (D61-8 Only)
wt
ApproximateWeight
7.8(0.28)
g(oz.)
T
MountingTorque
Min.
40(35)
(D61-8 Only)
Max.
58(50)
Thermal-Mechanical Specifications
Kg-cm
(Ibf-in)
V
FM
Max. Forward Voltage Drop
0.60
V
@ 40A
(Per Leg) * See Fig. 1
(1)
0.74
V
@ 80A
0.54
V
@ 40A
0.66
V
@ 80A
I
RM
Max. Reverse Leakage Current
5
mA
T
J
= 25 °C
(Per Leg) * See Fig. 2
(1)
45
mA
T
J
= 125 °C
C
T
Max. Junction Capacitance (Per Leg)
2600
pF
V
R
= 5V
DC
, (test signal range 100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance (Per Leg)
5.5
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10,000
V/ µs
(Rated V
R
)
T
J
= 25 °C
T
J
= 125 °C
Electrical Specifications
(1) Pulse Width < 300µs, Duty Cycle <2%
V
R
= rated V
R
Absolute Maximum Ratings
Following any rated
load condition and with
rated V
RRM
applied
Parameters
81CNQ Units
Conditions
I
F(AV)
Max.AverageForwardCurrent
80
A
50%dutycycle@T
C
=141°C,rectangularwaveform
* See Fig. 5
I
FSM
Max.PeakOneCycleNon-Repetitive
4600
5µs Sine or 3µs Rect. pulse
SurgeCurrent (Per Leg) *SeeFig.7
790
10ms Sine or 6ms Rect. pulse
E
AS
Non-RepetitiveAvalancheEnergy
54
mJ
T
J
= 25 °C, I
AS
= 8 Amps, L = 1.7 mH
(Per Leg)
I
AR
RepetitiveAvalancheCurrent
8
A
Currentdecayinglinearlytozeroin1µsec
(Per Leg)
Frequency limited by T
J
max. V
A
= 1.5 x V
R
typical
A
Part number
81CNQ035
81CNQ040
81CNQ045
V
R
Max. DC Reverse Voltage (V)
V
RWM
Max. Working Peak Reverse Voltage (V)
Voltage Ratings
35
40
45
Parameters
81CNQ Units
Conditions
Parameters
81CNQ Units
Conditions


Similar Part No. - 81CNQ

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
81CNQ SMC-81CNQ Datasheet
227Kb / 5P
   Guard ring for enhanced ruggedness and long term reliability
81CNQ-SL SMC-81CNQ-SL Datasheet
227Kb / 5P
   Guard ring for enhanced ruggedness and long term reliability
81CNQ-SM SMC-81CNQ-SM Datasheet
227Kb / 5P
   Guard ring for enhanced ruggedness and long term reliability
logo
Microsemi Corporation
81CNQ035 MICROSEMI-81CNQ035 Datasheet
121Kb / 2P
   Schottky MiniMod
logo
Sangdest Microelectroni...
81CNQ035 SMC-81CNQ035 Datasheet
227Kb / 5P
   Guard ring for enhanced ruggedness and long term reliability
More results

Similar Description - 81CNQ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST84120 MICROSEMI-FST84120 Datasheet
148Kb / 2P
   80 AMP SCHOTTKY RECTIFIER
FST84100 MICROSEMI-FST84100 Datasheet
131Kb / 2P
   80 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
82CNQ030 IRF-82CNQ030 Datasheet
127Kb / 6P
   SCHOTTKY RECTIFIER 80 Amp
logo
Microsemi Corporation
FST84180 MICROSEMI-FST84180 Datasheet
153Kb / 2P
   80 AMP SCHOTTKY RECTIFIER
SBR8040 MICROSEMI-SBR8040 Datasheet
129Kb / 2P
   80 Amp Schottky Rectifier
FST8320 MICROSEMI-FST8320 Datasheet
150Kb / 2P
   80 AMP SCHOTTKY RECTIFIER
SBR8060 MICROSEMI-SBR8060 Datasheet
124Kb / 2P
   80 Amp Schottky Rectifier
SBR8210 MICROSEMI-SBR8210_07 Datasheet
137Kb / 2P
   80 Amp Schottky Rectifier
logo
International Rectifier
80CPQ020PBF IRF-80CPQ020PBF Datasheet
210Kb / 7P
   SCHOTTKY RECTIFIER 80 Amp
logo
Microsemi Corporation
80CPQ020 MICROSEMI-80CPQ020 Datasheet
141Kb / 2P
   80 AMP SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com