Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

81CNQ Datasheet(PDF) 3 Page - International Rectifier

Part # 81CNQ
Description  SCHOTTKY RECTIFIER 80 Amp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

81CNQ Datasheet(HTML) 3 Page - International Rectifier

  81CNQ Datasheet HTML 1Page - International Rectifier 81CNQ Datasheet HTML 2Page - International Rectifier 81CNQ Datasheet HTML 3Page - International Rectifier 81CNQ Datasheet HTML 4Page - International Rectifier 81CNQ Datasheet HTML 5Page - International Rectifier 81CNQ Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
81CNQ... Series
3
PD-2.237 rev. B 01/99
www.irf.com
Fig. 2 - Typical Values Of Reverse Current
Vs. Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage (Per Leg)
Fig. 4 - Max. Thermal Impedance Z
thJC
Characteristics (Per Leg)
Fig. 1 - Max. Forward Voltage Drop Characteristics
(PerLeg)
0.1
1
10
100
1000
0
0.1 0.2
0.3
0.4
0.5
0.6
0.7 0.8
0.9
1
FM
Forward Voltage Drop - V
(V)
T = 175°C
T = 125°C
T = 25°C
J
J
J
0.001
0.01
0.1
1
10
100
1000
0
5
10
15
20
25
30
35
40
45
R
150°C
125°C
100°C
75°C
50°C
25°C
Reverse Voltage - V
(V)
T = 175°C
J
100
1000
10000
0
10203040
50
R
Reverse Voltage - V
(V)
T = 25°C
J
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0. 1
1
10
100
t , Rectangular Pulse Duration (Seconds)
Single Pulse
(Thermal Resistance)
1
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
thJ C
C
DM
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
2
t
1
t
P
DM


Similar Part No. - 81CNQ

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
81CNQ SMC-81CNQ Datasheet
227Kb / 5P
   Guard ring for enhanced ruggedness and long term reliability
81CNQ-SL SMC-81CNQ-SL Datasheet
227Kb / 5P
   Guard ring for enhanced ruggedness and long term reliability
81CNQ-SM SMC-81CNQ-SM Datasheet
227Kb / 5P
   Guard ring for enhanced ruggedness and long term reliability
logo
Microsemi Corporation
81CNQ035 MICROSEMI-81CNQ035 Datasheet
121Kb / 2P
   Schottky MiniMod
logo
Sangdest Microelectroni...
81CNQ035 SMC-81CNQ035 Datasheet
227Kb / 5P
   Guard ring for enhanced ruggedness and long term reliability
More results

Similar Description - 81CNQ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST84120 MICROSEMI-FST84120 Datasheet
148Kb / 2P
   80 AMP SCHOTTKY RECTIFIER
FST84100 MICROSEMI-FST84100 Datasheet
131Kb / 2P
   80 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
82CNQ030 IRF-82CNQ030 Datasheet
127Kb / 6P
   SCHOTTKY RECTIFIER 80 Amp
logo
Microsemi Corporation
FST84180 MICROSEMI-FST84180 Datasheet
153Kb / 2P
   80 AMP SCHOTTKY RECTIFIER
SBR8040 MICROSEMI-SBR8040 Datasheet
129Kb / 2P
   80 Amp Schottky Rectifier
FST8320 MICROSEMI-FST8320 Datasheet
150Kb / 2P
   80 AMP SCHOTTKY RECTIFIER
SBR8060 MICROSEMI-SBR8060 Datasheet
124Kb / 2P
   80 Amp Schottky Rectifier
SBR8210 MICROSEMI-SBR8210_07 Datasheet
137Kb / 2P
   80 Amp Schottky Rectifier
logo
International Rectifier
80CPQ020PBF IRF-80CPQ020PBF Datasheet
210Kb / 7P
   SCHOTTKY RECTIFIER 80 Amp
logo
Microsemi Corporation
80CPQ020 MICROSEMI-80CPQ020 Datasheet
141Kb / 2P
   80 AMP SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com