Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C052H105J5R5GA7301 Datasheet(PDF) 11 Page - Kemet Corporation

Part # C052H105J5R5GA7301
Description  Radial Through-Hole Multilayer Ceramic Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C052H105J5R5GA7301 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button C052H105J5R5GA7301 Datasheet HTML 5Page - Kemet Corporation C052H105J5R5GA7301 Datasheet HTML 6Page - Kemet Corporation C052H105J5R5GA7301 Datasheet HTML 7Page - Kemet Corporation C052H105J5R5GA7301 Datasheet HTML 8Page - Kemet Corporation C052H105J5R5GA7301 Datasheet HTML 9Page - Kemet Corporation C052H105J5R5GA7301 Datasheet HTML 10Page - Kemet Corporation C052H105J5R5GA7301 Datasheet HTML 11Page - Kemet Corporation C052H105J5R5GA7301 Datasheet HTML 12Page - Kemet Corporation C052H105J5R5GA7301 Datasheet HTML 13Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1074_HT_X7R_RADIAL_MOLDED • 8/10/2016 11
Radial Through-Hole Multilayer Ceramic Capacitors
High Temperature 200°C, Radial, Molded, X7R Dielectric, 50 – 200 VDC (Industrial Grade)
Lead Tape & Reel Packaging Information
KEMET offers standard reeling of Molded Radial Leaded
Capacitors in accordance with EIA standard 468. Parts
are taped to a tag board carrier strip, and wound on a reel
as shown in Figure 1. Kraft paper interleaving is inserted
between the layers of capacitors on the reel.
t


Similar Part No. - C052H105J5R5GA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C052H100J2G5GA KEMET-C052H100J2G5GA Datasheet
53Kb / 1P
   Ceramic, 200C, MoldedHighTemp, 10 pF, 5%, 200 V, C0G, High Temp, 200C, Radial Molded, Gold Termination, Industrial Grade, Lead Spacing = 5.08mm
C052H103K1G5GA KEMET-C052H103K1G5GA Datasheet
53Kb / 1P
   Ceramic, 200C, MoldedHighTemp, 0.01 uF, 10%, 100 V, C0G, High Temp, 200C, Radial Molded, Gold Termination, Industrial Grade, Lead Spacing = 5.08mm
C052H104K5G5GAT500 KEMET-C052H104K5G5GAT500 Datasheet
53Kb / 1P
   Capacitor, ceramic
More results

Similar Description - C052H105J5R5GA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C052H272F2G5GA7301 KEMET-C052H272F2G5GA7301 Datasheet
1Mb / 14P
   Radial Through-Hole Multilayer Ceramic Capacitors
logo
Kingtronics Internation...
MKT KINGTRONICS-MKT Datasheet
352Kb / 3P
   Radial Multilayer Ceramic Capacitors
logo
Kemet Corporation
T35XA105M035AS KEMET-T35XA105M035AS Datasheet
504Kb / 13P
   Tantalum Through-Hole Capacitors ??Radial Dipped
logo
Vishay Siliconix
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
logo
Kemet Corporation
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C102M1R5TA KEMET-C320C102M1R5TA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052G102J1G5CR KEMET-C052G102J1G5CR_10 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
logo
United Chemi-Con, Inc.
KTD251B104M32A0T00 CHEMI-CON-KTD251B104M32A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com