Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C062H105M2R5GAT1K0 Datasheet(PDF) 3 Page - Kemet Corporation

Part # C062H105M2R5GAT1K0
Description  Radial Through-Hole Multilayer Ceramic Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C062H105M2R5GAT1K0 Datasheet(HTML) 3 Page - Kemet Corporation

  C062H105M2R5GAT1K0 Datasheet HTML 1Page - Kemet Corporation C062H105M2R5GAT1K0 Datasheet HTML 2Page - Kemet Corporation C062H105M2R5GAT1K0 Datasheet HTML 3Page - Kemet Corporation C062H105M2R5GAT1K0 Datasheet HTML 4Page - Kemet Corporation C062H105M2R5GAT1K0 Datasheet HTML 5Page - Kemet Corporation C062H105M2R5GAT1K0 Datasheet HTML 6Page - Kemet Corporation C062H105M2R5GAT1K0 Datasheet HTML 7Page - Kemet Corporation C062H105M2R5GAT1K0 Datasheet HTML 8Page - Kemet Corporation C062H105M2R5GAT1K0 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1074_HT_X7R_RADIAL_MOLDED • 8/10/2016
3
Radial Through-Hole Multilayer Ceramic Capacitors
High Temperature 200°C, Radial, Molded, X7R Dielectric, 50 – 200 VDC (Industrial Grade)
Qualification
These devices are subject to internal qualification. Details regarding test methods and conditions are referenced in Table 2,
Performance & Reliability.
Environmental Compliance
RoHS compliance is dependent upon series and rated capacitance value.
Series
Rated
Capacitance
RoHS
Compliant
RoHS Exemption
Code1
Halogen Free
C052H
All
Yes
7(a)
Yes
C062H
< 0.27µF
Yes
7(a)
Yes
C062H
≥ 0.27µF
No
n/a
Yes
1
7(a): Lead in high melting temperature type solders
Electrical Parameters/Characteristics
Item
Parameters/Characteristics
Operating Temperature Range
−55°C to +200°C
Capacitance Change with Reference to
+25°C and 0 VDC Applied (TCC)
±15% (−55°C to +125°C), +15%/−55% (200°C)
Capacitance Change with Reference to
+25°C and 100% Rated VDC Applied
+15%/−30% (−55°C to +125°C), +15%/−60% (200°C)
Aging Rate (Maximum % Cap Loss/Decade Hour)
3%
Dielectric Withstanding Voltage
250% of rated voltage
(5±1 seconds and charge/discharge not exceeding 50 mA at 25°C)
Dissipation Factor (DF) Maximum Limit at 25ºC
2.50%
Insulation Resistance (IR) Limit at 25°C
1,000 MΩ microfarads or 100 GΩ
(Rated voltage applied for 120±5 seconds)
Regarding aging rate: Capacitance measurements (including tolerance) are indexed to a referee time of 1,000 hours.
To obtain IR limit, divide MΩ-µF value by the capacitance and compare to GΩ limit. Select the lower of the two limits.
Capacitance and dissipation factor (DF) measured under the following conditions:
1 kHz ±50 Hz and 1.0 ±0.2 V
rms if capacitance ≤ 10 µF
120 Hz ±10 Hz and 0.5 ±0.1 V
rms if capacitance > 10 µF
Note: When measuring capacitance it is important to ensure the set voltage level is held constant. The HP4284 and Agilent E4980 have a feature known
as Automatic Level Control (ALC). The ALC feature should be switched to "ON."
Post Environmental Limits
High Temperature Life, Biased Humidity, Moisture Resistance
Dielectric
Rated DC Voltage Capacitance Value
DF (%)
Capacitance Shift
IR
X7R
> 25
All
3.0
±20%
10% of Initial Limit


Similar Part No. - C062H105M2R5GAT1K0

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C062H105K5R5GA KEMET-C062H105K5R5GA Datasheet
51Kb / 1P
   Ceramic, 200C, MoldedHighTemp, 1 uF, 10%, 50 V, X7R, High Temp, 200C, Radial Molded, Gold Termination, Industrial Grade, Lead Spacing = 5.08mm
More results

Similar Description - C062H105M2R5GAT1K0

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C052H272F2G5GA7301 KEMET-C052H272F2G5GA7301 Datasheet
1Mb / 14P
   Radial Through-Hole Multilayer Ceramic Capacitors
logo
Kingtronics Internation...
MKT KINGTRONICS-MKT Datasheet
352Kb / 3P
   Radial Multilayer Ceramic Capacitors
logo
Kemet Corporation
T35XA105M035AS KEMET-T35XA105M035AS Datasheet
504Kb / 13P
   Tantalum Through-Hole Capacitors ??Radial Dipped
logo
Vishay Siliconix
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
logo
Kemet Corporation
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C102M1R5TA KEMET-C320C102M1R5TA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052G102J1G5CR KEMET-C052G102J1G5CR_10 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
logo
United Chemi-Con, Inc.
KTD251B104M32A0T00 CHEMI-CON-KTD251B104M32A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com