Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2824H393JUGWCTU Datasheet(PDF) 6 Page - Kemet Corporation

Part # C2824H393JUGWCTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2824H393JUGWCTU Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C2824H393JUGWCTU Datasheet HTML 2Page - Kemet Corporation C2824H393JUGWCTU Datasheet HTML 3Page - Kemet Corporation C2824H393JUGWCTU Datasheet HTML 4Page - Kemet Corporation C2824H393JUGWCTU Datasheet HTML 5Page - Kemet Corporation C2824H393JUGWCTU Datasheet HTML 6Page - Kemet Corporation C2824H393JUGWCTU Datasheet HTML 7Page - Kemet Corporation C2824H393JUGWCTU Datasheet HTML 8Page - Kemet Corporation C2824H393JUGWCTU Datasheet HTML 9Page - Kemet Corporation C2824H393JUGWCTU Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1035_C0G_PULSE_SMD • 8/2/2016
6
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Pulse Discharge, High Voltage, High Temperature 200°C C0G Dielectric, 1,000 VDC – 3,500 VDC (Industrial Grade)
Table 2 – Chip Thickness/Tape & Reel Packaging Quantities
Thickness
Code
Case
Size
Thickness ±
Range (mm)
Paper Quantity
Plastic Quantity
7" Reel
13" Reel
7" Reel
13" Reel
TA
2824
1.40 ± 0.15
0
0
750
2,500
TB
2824
2.00 ± 0.20
0
0
300
2,000
TC
2824
2.50 ± 0.20
0
0
300
2,000
QB
3040
1.40 ± 0.15
0
0
500
1,650
QC
3040
2.00 ± 0.20
0
0
500
1,650
QD
3040
2.50 ± 0.20
0
0
350
1,400
MA
3640
1.40 ± 0.15
0
0
250
1,550
MB
3640
2.00 ± 0.20
0
0
250
1,550
MC
3640
2.50 ± 0.20
0
0
250
1,550
SA
4540
1.40 ± 0.15
0
0
200
1,500
SB
4540
2.00 ± 0.20
0
0
200
1,500
SC
4540
2.50 ± 0.20
0
0
200
1,500
Thickness
Code
Case
Size
Thickness ±
Range (mm)
7" Reel
13" Reel
7" Reel
13" Reel
Paper Quantity
Plastic Quantity
Package quantity based on finished chip thickness specifications.


Similar Part No. - C2824H393JUGWCTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2824H393JBGACT050 KEMET-C2824H393JBGACT050 Datasheet
71Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 0.039 uF, 5%, 630 V, 2824, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C2824H393JBGACTU KEMET-C2824H393JBGACTU Datasheet
1Mb / 26P
   Surface Mount Multilayer Ceramic Chip Capacitors
C2824H393JBGAETU KEMET-C2824H393JBGAETU Datasheet
1Mb / 26P
   Surface Mount Multilayer Ceramic Chip Capacitors
C2824H393JBGAFTU KEMET-C2824H393JBGAFTU Datasheet
1Mb / 26P
   Surface Mount Multilayer Ceramic Chip Capacitors
C2824H393JBGAGTU KEMET-C2824H393JBGAGTU Datasheet
1Mb / 26P
   Surface Mount Multilayer Ceramic Chip Capacitors
More results

Similar Description - C2824H393JUGWCTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com