Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80CNQ035 Datasheet(PDF) 2 Page - International Rectifier

Part # 80CNQ035
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

80CNQ035 Datasheet(HTML) 2 Page - International Rectifier

  80CNQ035 Datasheet HTML 1Page - International Rectifier 80CNQ035 Datasheet HTML 2Page - International Rectifier 80CNQ035 Datasheet HTML 3Page - International Rectifier 80CNQ035 Datasheet HTML 4Page - International Rectifier 80CNQ035 Datasheet HTML 5Page - International Rectifier 80CNQ035 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
80CNQ... Series
2
PD-2.216 rev. C 01/99
www.irf.com
T
J
Max.JunctionTemperatureRange
-55to150
°C
T
stg
Max.StorageTemperatureRange
-55to150
°C
R
thJC
Max.ThermalResistanceJunction
0.85
°C/W
DCoperation
* See Fig. 4
toCase (Per Leg)
R
thJC
Max.ThermalResistanceJunction
0.42
°C/W
DCoperation
toCase(Per Package)
R
thCS
TypicalThermalResistance,Case
0.30
°C/W
Mountingsurface,smoothandgreased
toHeatsink
(D61-8 Only)
wt
ApproximateWeight
7.8(0.28)
g(oz.)
T
MountingTorque
Min.
40(35)
(D61-8 Only)
Max.
58(50)
Thermal-Mechanical Specifications
Kg-cm
(Ibf-in)
V
FM
Max. Forward Voltage Drop
0.52
V
@ 40A
(Per Leg) * See Fig. 1
(1)
0.66
V
@ 80A
0.47
V
@ 40A
0.61
V
@ 80A
I
RM
Max. Reverse Leakage Current
5
mA
T
J
= 25 °C
(Per Leg) * See Fig. 2
(1)
250
mA
T
J
= 125 °C
V
F(TO)
Threshold Voltage
0.26
V
T
J
= T
J
max.
r
t
Forward Slope Resistance
3.93
m
C
T
Max. Junction Capacitance (Per Leg)
2600
pF
V
R
= 5V
DC
, (test signal range 100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance (Per Leg)
5.5
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10,000
V/ µs
(Rated V
R
)
T
J
= 25 °C
T
J
= 125 °C
Electrical Specifications
(1) Pulse Width < 300µs, Duty Cycle <2%
V
R
= rated V
R
Absolute Maximum Ratings
Following any rated
load condition and with
rated V
RRM
applied
Parameters
80CNQ Units
Conditions
I
F(AV)
Max.AverageForward
(PerLeg)
40
A
50%dutycycle@T
C
=114°C,rectangularwaveform
Current
* See Fig. 5
(PerDevice)
80
I
FSM
Max.PeakOneCycleNon-Repetitive
5800
5µs Sine or 3µs Rect. pulse
SurgeCurrent (Per Leg) *SeeFig.7
750
10ms Sine or 6ms Rect. pulse
E
AS
Non-RepetitiveAvalancheEnergy
54
mJ
T
J
= 25 °C, I
AS
= 8 Amps, L = 1.7 mH
(Per Leg)
I
AR
RepetitiveAvalancheCurrent
8
A
Currentdecayinglinearlytozeroin1µsec
(Per Leg)
Frequency limited by T
J
max. V
A
= 1.5 x V
R
typical
A
Part number
80CNQ035
80CNQ040
80CNQ045
V
R
Max. DC Reverse Voltage (V)
V
RWM
Max. Working Peak Reverse Voltage (V)
Voltage Ratings
35
40
45
Parameters
80CNQ Units
Conditions
Parameters
80CNQ Units
Conditions


Similar Part No. - 80CNQ035

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
80CNQ035 MICROSEMI-80CNQ035 Datasheet
121Kb / 2P
   Schottky MiniMod
logo
Sangdest Microelectroni...
80CNQ035 SMC-80CNQ035 Datasheet
226Kb / 5P
   Very Low forward voltage drop
logo
International Rectifier
80CNQ035A IRF-80CNQ035A Datasheet
175Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
logo
Vishay Siliconix
80CNQ035A VISHAY-80CNQ035A Datasheet
133Kb / 7P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 12-Aug-08
logo
Microsemi Corporation
80CNQ035A MICROSEMI-80CNQ035A Datasheet
121Kb / 2P
   Schottky MiniMod
More results

Similar Description - 80CNQ035

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com