Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C052H105M5R5GAT1K0 Datasheet(PDF) 2 Page - Kemet Corporation

Part # C052H105M5R5GAT1K0
Description  Radial Through-Hole Multilayer Ceramic Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C052H105M5R5GAT1K0 Datasheet(HTML) 2 Page - Kemet Corporation

  C052H105M5R5GAT1K0 Datasheet HTML 1Page - Kemet Corporation C052H105M5R5GAT1K0 Datasheet HTML 2Page - Kemet Corporation C052H105M5R5GAT1K0 Datasheet HTML 3Page - Kemet Corporation C052H105M5R5GAT1K0 Datasheet HTML 4Page - Kemet Corporation C052H105M5R5GAT1K0 Datasheet HTML 5Page - Kemet Corporation C052H105M5R5GAT1K0 Datasheet HTML 6Page - Kemet Corporation C052H105M5R5GAT1K0 Datasheet HTML 7Page - Kemet Corporation C052H105M5R5GAT1K0 Datasheet HTML 8Page - Kemet Corporation C052H105M5R5GAT1K0 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1074_HT_X7R_RADIAL_MOLDED • 8/10/2016
2
Radial Through-Hole Multilayer Ceramic Capacitors
High Temperature 200°C, Radial, Molded, X7R Dielectric, 50 – 200 VDC (Industrial Grade)
Dimensions – Inches (Millimeters)
L
T
H
LL
S
0.045
(1.143)
Maximum
LD
L
T
H
LL
S
LD
C052H
C062H
Series
S
Lead Spacing
L
Length
H
Height
T
Thickness
LD
Lead Diameter
LL
Lead Length
Minimum
C052H
0.20±0.015
(5.08±0.38)
0.19±0.01
(4.83±0.25)
0.19±0.01
(4.83±0.25)
0.09±0.01
(2.29±0.25)
0.025+0.004/−0.002
(0.635+0.102/−0.051)
1.25 (31.75)
C062H
0.29±0.01
(7.37±0.25)
0.29±0.01
(7.37±0.25)
0.09±0.01
(2.29±0.25)
Benefits
• Operating temperature range of −55°C to +200°C
• X7R temperature stable dielectric
• High shock and vibration capability
• Radial through-hole form factor
• Gold (Au) plated wire lead finish
• Base metal electrode (BME) and precious metal electrode
(PME) dielectric systems.
• RoHS and REACH compliant (most select values)
• Military designation styles CK/CKR05 and CK/CKR06
• Molded case
• High breakdown voltage strength
• DC voltage ratings of 50 V, 100 V and 200 V
• Capacitance offerings ranging from 1,000 pF to 1.0 μF
• Available capacitance tolerances of ±5%, ±10% and ±20%
• Low ESR and ESL
• Predictable performance characteristics with respect to
variations in temperature, applied voltage and time
• Non-polar device, minimizing installation concerns
• Encapsulation meets flammability standard UL 94V–0
• Halogen-free
Applications
Typical applications include decoupling, bypass, smoothing circuits, DC/DC converters, power supplies (input/output filters),
noise reduction (piezoelectric/mechanical), circuits with a direct battery or power source connection, critical and safety
relevant circuits without (integrated) current limitation and any application that is subject to extreme environments such as
high shock and vibration, high temperature, high levels of board flexure and/or temperature cycling. Markets include military,
industrial, aerospace, and automotive.


Similar Part No. - C052H105M5R5GAT1K0

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C052H100J2G5GA KEMET-C052H100J2G5GA Datasheet
53Kb / 1P
   Ceramic, 200C, MoldedHighTemp, 10 pF, 5%, 200 V, C0G, High Temp, 200C, Radial Molded, Gold Termination, Industrial Grade, Lead Spacing = 5.08mm
C052H103K1G5GA KEMET-C052H103K1G5GA Datasheet
53Kb / 1P
   Ceramic, 200C, MoldedHighTemp, 0.01 uF, 10%, 100 V, C0G, High Temp, 200C, Radial Molded, Gold Termination, Industrial Grade, Lead Spacing = 5.08mm
C052H104K5G5GAT500 KEMET-C052H104K5G5GAT500 Datasheet
53Kb / 1P
   Capacitor, ceramic
More results

Similar Description - C052H105M5R5GAT1K0

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C052H272F2G5GA7301 KEMET-C052H272F2G5GA7301 Datasheet
1Mb / 14P
   Radial Through-Hole Multilayer Ceramic Capacitors
logo
Kingtronics Internation...
MKT KINGTRONICS-MKT Datasheet
352Kb / 3P
   Radial Multilayer Ceramic Capacitors
logo
Kemet Corporation
T35XA105M035AS KEMET-T35XA105M035AS Datasheet
504Kb / 13P
   Tantalum Through-Hole Capacitors ??Radial Dipped
logo
Vishay Siliconix
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
logo
Kemet Corporation
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C102M1R5TA KEMET-C320C102M1R5TA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052G102J1G5CR KEMET-C052G102J1G5CR_10 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
logo
United Chemi-Con, Inc.
KTD251B104M32A0T00 CHEMI-CON-KTD251B104M32A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com