Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C062H105M2R5GAT500 Datasheet(PDF) 1 Page - Kemet Corporation

Part # C062H105M2R5GAT500
Description  Radial Through-Hole Multilayer Ceramic Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C062H105M2R5GAT500 Datasheet(HTML) 1 Page - Kemet Corporation

  C062H105M2R5GAT500 Datasheet HTML 1Page - Kemet Corporation C062H105M2R5GAT500 Datasheet HTML 2Page - Kemet Corporation C062H105M2R5GAT500 Datasheet HTML 3Page - Kemet Corporation C062H105M2R5GAT500 Datasheet HTML 4Page - Kemet Corporation C062H105M2R5GAT500 Datasheet HTML 5Page - Kemet Corporation C062H105M2R5GAT500 Datasheet HTML 6Page - Kemet Corporation C062H105M2R5GAT500 Datasheet HTML 7Page - Kemet Corporation C062H105M2R5GAT500 Datasheet HTML 8Page - Kemet Corporation C062H105M2R5GAT500 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1074_HT_X7R_RADIAL_MOLDED • 8/10/2016
1
One world. One KEMET
Overview
KEMET’s High Temperature 200ºC epoxy molded radial
through-hole ceramic capacitors in X7R dielectric feature
a robust and proprietary dielectric system that offers
industry-leading performance in extreme high pressure
and high temperature environments up to 200°C. These
capacitors are designed specifically to withstand the
severe shock and vibration conditions associated with
deep-well and horizontal drilling activities and are well
suited for use in aerospace engine compartments,
geophysical probes, hybrid and electric automotive motor
drives and defense applications.
As high temperature electronic module complexity
increases, the size reduction of components becomes
more and more critical. These devices are significantly
smaller by volume than most competitor radial molded
capacitors, allowing for downsizing and replacement
opportunities of larger high temperature precious metal
electrode (PME) and base metal electrode (BME) dielectric
system devices. They feature gold-plated lead wires
for temperature resistance and an epoxy molded case for
environmental protection and mechanical durability.
These epoxy molded radial through-hole ceramic capacitors
in X7R dielectric achieve high dielectric breakdown,
low leakage current and minimal parametric shift while
maintaining predictable performance characteristics with
respect to variations in temperature, applied voltage and
time. These devices are suited for bypass and decoupling
applications or for frequency discriminating circuits where Q
and stability of capacitance characteristics are not critical.
Capacitance change is limited to ±15% from −55°C to +125°C
and +15%/−55% at +200°C.
Radial Through-Hole Multilayer Ceramic Capacitors
High Temperature 200°C, Radial, Molded, X7R Dielectric,
50 – 200 VDC (Industrial Grade)
Ordering Information
C
062
H
105
K
5
R
5
G
A
7303
Ceramic Style/
Size
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance1
Rated
Voltage
(VDC)
Dielectric Design
Lead
Finish2
Failure
Rate
Packaging
C-Spec3
052
062
H =
High Temp
200ºC
Two significant digits
and number of zeros
Use 9 for 1.0 – 9.9 pF
ex. 2.2 pF = 229
J = ±5%
K = ±10%
M = ±20%
5 = 50
1 = 100
2 = 200
R =
X7R
5 =
Multilayer
G =
Gold (Au)
A =
N/A
Blank = Bulk Bag
T250 = 250 pcs/
12" Reel
T500 = 500 pcs/
12" Reel
T1K0 = 1,000 pcs/
12" Reel
7301 = Full Reel Qty/
12" Reel
7303 = Full Reel Qty/
12" Reel
7061 = Bulk Tray
1
Additional capacitance tolerance offerings may be available. Contact KEMET for details.
2
Wire lead materials and finishes: Alternative lead materials and finishes may be available. Contact KEMET for details.
3
Default packaging for this product series is "Bulk Bag". KEMET will assume "Bulk Bag" packaging is required when the 15th thru 18th character positions are
left blank.
3
C-Spec 7301 can only be used when ordering 052 style/size.
3
C-Spec 7303 can only be used when ordering 062 style/size.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C062H105M2R5GAT500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C062H105K5R5GA KEMET-C062H105K5R5GA Datasheet
51Kb / 1P
   Ceramic, 200C, MoldedHighTemp, 1 uF, 10%, 50 V, X7R, High Temp, 200C, Radial Molded, Gold Termination, Industrial Grade, Lead Spacing = 5.08mm
More results

Similar Description - C062H105M2R5GAT500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C052H272F2G5GA7301 KEMET-C052H272F2G5GA7301 Datasheet
1Mb / 14P
   Radial Through-Hole Multilayer Ceramic Capacitors
logo
Kingtronics Internation...
MKT KINGTRONICS-MKT Datasheet
352Kb / 3P
   Radial Multilayer Ceramic Capacitors
logo
Kemet Corporation
T35XA105M035AS KEMET-T35XA105M035AS Datasheet
504Kb / 13P
   Tantalum Through-Hole Capacitors ??Radial Dipped
logo
Vishay Siliconix
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
logo
Kemet Corporation
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C102M1R5TA KEMET-C320C102M1R5TA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052G102J1G5CR KEMET-C052G102J1G5CR_10 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
logo
United Chemi-Con, Inc.
KTD251B104M32A0T00 CHEMI-CON-KTD251B104M32A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com