Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206C682KBRACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1206C682KBRACTU
Description  Ceramic, Commercial-(CxxxxC), 6800 pF, 10%, 630 V, 1206, X7R, SMD, MLCC, High Voltage, Temperature Stable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C682KBRACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1206C682KBRACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 65de1ce8-23fc-41bd-8861-273209e18704
KEMET Part Number: C1206C682KBRACTU
(C1206C682KBRAC7800)
Ceramic, Commercial-(CxxxxC), 6800 pF, 10%, 630 V, 1206, X7R, SMD, MLCC, High Voltage, Temperature Stable
Dimensions
L
3.2mm +/-0.2mm
W
1.6mm +/-0.2mm
T
1.2mm +/-0.15mm
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 2500
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 1206
Description: SMD, MLCC, High Voltage,
Temperature Stable
Features: High Voltage
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Specifications
Capacitance: 6800 pF
Capacitance Tolerance: 10%
Voltage DC: 630 VDC
Dielectric Withstanding
Voltage: 945 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1206C682KBRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C682KBRACAUTO KEMET-C1206C682KBRACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temp Stable, Auto Grade, 6800 pF, /-10% Tol, 630 V, X7R, 1206 (3216 metric)
More results

Similar Description - C1206C682KBRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C682KFRACTU KEMET-C1206C682KFRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 6800 pF, 10%, 1,500 V, 1206, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1206C682KDRACTU KEMET-C1206C682KDRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 6800 pF, 10%, 1,000 V, 1206, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1206C682KCRACTU KEMET-C1206C682KCRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 6800 pF, 10%, 500 V, 1206, X7R, SMD, MLCC, High Voltage, Temperature Stable
C0805C100KBRACTU KEMET-C0805C100KBRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 10 pF, 10%, 630 V, 0805, X7R, SMD, MLCC, High Voltage, Temperature Stable
C0805C220KBRACTU KEMET-C0805C220KBRACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 22 pF, 10%, 630 V, 0805, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1206C102KGRACTU KEMET-C1206C102KGRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1000 pF, 10%, 2,000 V, 1206, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1206C332KCRACTU KEMET-C1206C332KCRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 3300 pF, 10%, 500 V, 1206, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1206C152KCRACTU KEMET-C1206C152KCRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1500 pF, 10%, 500 V, 1206, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1206C152KFRACTU KEMET-C1206C152KFRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1500 pF, 10%, 1,500 V, 1206, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1206C222KCRACTU KEMET-C1206C222KCRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 2200 pF, 10%, 500 V, 1206, X7R, SMD, MLCC, High Voltage, Temperature Stable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com