Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603C332J5HACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603C332J5HACTU
Description  Ceramic, 150C-(CxxxxC), 3300 pF, 5%, 50 V, 0603, X8R, SMD, MLCC, High Temperature, Ultra-Stable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C332J5HACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0603C332J5HACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - d38927e5-43c8-4b96-891f-d101dd00ebf1
KEMET Part Number: C0603C332J5HACTU
(C0603C332J5HAC7867)
Ceramic, 150C-(CxxxxC), 3300 pF, 5%, 50 V, 0603, X8R, SMD, MLCC, High Temperature, Ultra-Stable
Dimensions
L
1.6mm +/-0.15mm
W
0.8mm +/-0.15mm
T
0.8mm +/-0.07mm
S
0.7mm MIN
B
0.35mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: 150C-(CxxxxC)
Chip Size: 0603
Description: SMD, MLCC, High Temperature,
Ultra-Stable
Features: High Temperature, Ultra-Stable
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X8R
dielectric for this part number is
1000 hours
Specifications
Capacitance: 3300 pF
Capacitance Tolerance: 5%
Voltage DC: 50 VDC
Dielectric Withstanding
Voltage: 125 V
Temperature Range: -55/+150C
Temperature Coefficient: X8R
Dissipation Factor: 2.5%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0603C332J5HACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C332J5GACAUTO KEMET-C0603C332J5GACAUTO Datasheet
72Kb / 1P
   SMD Auto C0G, Ceramic, 3300 pF, 5%, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
C0603C332J5GACTU KEMET-C0603C332J5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 3300 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C332J5JACTU KEMET-C0603C332J5JACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 3300 pF, 5%, 50 V, 0603, U2J, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C332J5RACAUTO KEMET-C0603C332J5RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R, Ceramic, 3300 pF, 5%, 50 VDC, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0603
C0603C332J5RACTU KEMET-C0603C332J5RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 3300 pF, /-5% Tol, 50 V, X7R, 0603 (1608 metric)
More results

Similar Description - C0603C332J5HACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C332J5HACTU KEMET-C0805C332J5HACTU Datasheet
71Kb / 1P
   Ceramic, 150C-(CxxxxC), 3300 pF, 5%, 50 V, 0805, X8R, SMD, MLCC, High Temperature, Ultra-Stable
C0603C102J5HACTU KEMET-C0603C102J5HACTU Datasheet
71Kb / 1P
   Ceramic, 150C-(CxxxxC), 1000 pF, 5%, 50 V, 0603, X8R, SMD, MLCC, High Temperature, Ultra-Stable
C0603C222J5HACTU KEMET-C0603C222J5HACTU Datasheet
71Kb / 1P
   Ceramic, 150C-(CxxxxC), 2200 pF, 5%, 50 V, 0603, X8R, SMD, MLCC, High Temperature, Ultra-Stable
C0603C471J5HACTU KEMET-C0603C471J5HACTU Datasheet
71Kb / 1P
   Ceramic, 150C-(CxxxxC), 470 pF, 5%, 50 V, 0603, X8R, SMD, MLCC, High Temperature, Ultra-Stable
C0805C472J5HACTU KEMET-C0805C472J5HACTU Datasheet
71Kb / 1P
   Ceramic, 150C-(CxxxxC), 4700 pF, 5%, 50 V, 0805, X8R, SMD, MLCC, High Temperature, Ultra-Stable
C0805C682J5HACTU KEMET-C0805C682J5HACTU Datasheet
71Kb / 1P
   Ceramic, 150C-(CxxxxC), 6800 pF, 5%, 50 V, 0805, X8R, SMD, MLCC, High Temperature, Ultra-Stable
C1812C224J5HACTU KEMET-C1812C224J5HACTU Datasheet
72Kb / 1P
   Ceramic, 150C-(CxxxxC), 0.22 uF, 5%, 50 V, 1812, X8R, SMD, MLCC, High Temperature, Ultra-Stable
C0603C103K3HACTU KEMET-C0603C103K3HACTU Datasheet
71Kb / 1P
   Ceramic, 150C-(CxxxxC), 0.01 uF, 10%, 25 V, 0603, X8R, SMD, MLCC, High Temperature, Ultra-Stable
C0603C332K5HACAUTO KEMET-C0603C332K5HACAUTO Datasheet
72Kb / 1P
   SMD Auto X8R HT150C, Ceramic, 3300 pF, 10%, 50 V, 0603, X8R, SMD, MLCC, High Temperature, Ultra-Stable, Automotive Grade
C1206C473J1HACTU KEMET-C1206C473J1HACTU Datasheet
72Kb / 1P
   Ceramic, 150C-(CxxxxC), 0.047 uF, 5%, 100 V, 1206, X8R, SMD, MLCC, High Temperature, Ultra-Stable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com