Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1396 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE1396
Description  Integrated Circuit 20W Bridge Booster for Car Radio
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1396 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1396 Datasheet HTML 1Page - NTE Electronics NTE1396 Datasheet HTML 2Page - NTE Electronics NTE1396 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (TA = +25°C, Gv = 50dB, Rth(HS) = 4°C/W, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max Unit
Supply Voltage
VS
8
18
V
Output Offset Voltage
VOS
VS = 14.4V
150
mV
(Between Pin8 & Pin10)
VS = 13.2V
150
mV
Total Quiescent Drain Current
Id
VS = 14.4V, RL = 4Ω
75
150
mA
VS = 13.2V, RL = 3.2Ω
70
160
mA
Output Power
PO
d = 10%,
VS = 14.4V, RL = 4Ω
18
20
W
f = 1kHz
VS = 14.4V, RL = 3.2Ω
20
22
W
VS = 13.2V, RL = 3.2Ω
17
19
W
Distortion
d
f = 1kHz
VS = 14.4V, RL = 4Ω,
PO = 50mW to 15W
1
%
VS = 13.2V, RL = 3.2Ω,
PO = 50mW to 13W
1
%
Input Sensitivity
Vi
RL = 4Ω
f = 1kHz, PO = 2W
9
mV
RL = 3.2Ω
8
mV
Input Resistance
Ri
f = 1kHz
70
k
Low Frequency Roll Off (–3.2
Ω)
fL
RL = 3.2Ω
40
Hz
High Frequency
fH
RL = 3.2Ω
20
kHz
Closed Loop Voltage Gain
Gv
f = 1kHz
50
dB
Total Input Noise Voltage
eN
Rg = 10KΩ, Note 2
3
10
µV
Supply Voltage Rejection
SVR
Rg = 10KΩ , C4 = 10µF, fripple = 100Hz,
Vripple = 0.5V
45
55
dB
Efficiency
η
VS = 14.4V ,
PO = 20W, RL = 4Ω
60
%
f = 1kHz
PO = 22W, RL = 3.2Ω
60
%
VS = 13.2V, f = 1kHz, PO = 19W, RL = 3.2Ω
58
%
Thermal Shut–Down Case
Temperature
Tsd
VS = 14.4V, RL = 4Ω, f = 1kHz, Ptot = 13W
100
110
°C
Output Voltage with One Side of
VOSH
VS = 14.4V, RL = 4Ω
2
V
the Speaker Shorted to GND
VS = 13.2V, RL = 3.2V
2
V
Note 2. Bandwidth filter 22Hz to 22kHz


Similar Part No. - NTE1396

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1390 NTE-NTE1390 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 12W for Car Radio or Car Stereo
NTE1391 NTE-NTE1391 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 12W for Car Radio or Car Stereo
NTE1392 NTE-NTE1392 Datasheet
23Kb / 2P
   Integrated Circuit Audio Power Amp, 7W
NTE1393 NTE-NTE1393 Datasheet
23Kb / 2P
   Integrated Circuit Audio Power Amp, 7W
NTE1394 NTE-NTE1394 Datasheet
24Kb / 2P
   5.5W Dual Power Amplifier Car Radio, Car Stereo Output Audio Power Amplifier
More results

Similar Description - NTE1396

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
A7240 UTC-A7240 Datasheet
106Kb / 6P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA2005 STMICROELECTRONICS-TDA2005 Datasheet
259Kb / 20P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
Unisonic Technologies
TDA2005 UTC-TDA2005 Datasheet
518Kb / 16P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
A7240 UTC-A7240_15 Datasheet
195Kb / 6P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
PA2005 UTC-PA2005 Datasheet
522Kb / 16P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA7241B STMICROELECTRONICS-TDA7241B Datasheet
110Kb / 7P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
Unisonic Technologies
PA2005 UTC-PA2005_15 Datasheet
522Kb / 16P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
NTE Electronics
NTE7053 NTE-NTE7053 Datasheet
24Kb / 3P
   Integrated Circuit 22W Bridge-Stereo Amplifier for Car Radio
NTE1290 NTE-NTE1290 Datasheet
21Kb / 2P
   Integrated Circuit AM Tuner for Car Radio
NTE1533 NTE-NTE1533 Datasheet
81Kb / 4P
   Integrated Circuit AM Tuner for Car Radio
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com