Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74FCT540 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 74FCT540
Description  FAST CMOS OCTAL BUFFER/LINE DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT540 Datasheet(HTML) 6 Page - Integrated Device Technology

  74FCT540 Datasheet HTML 1Page - Integrated Device Technology 74FCT540 Datasheet HTML 2Page - Integrated Device Technology 74FCT540 Datasheet HTML 3Page - Integrated Device Technology 74FCT540 Datasheet HTML 4Page - Integrated Device Technology 74FCT540 Datasheet HTML 5Page - Integrated Device Technology 74FCT540 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
INDUSTRIALTEMPERATURERANGE
IDT74FCT540AT/CT
FASTCMOSOCTALBUFFER/LINEDRIVER
CORPORATE HEADQUARTERS
for SALES:
2975 Stender Way
800-345-7015 or 408-727-6116
Santa Clara, CA 95054
fax: 408-492-8674
www.idt.com*
*To search for sales office near you, please click the sales button found on our home page or dial the 800# above and press 2.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
ORDERING INFORMATION
XX
Tem perature
Range
FCT
IDT
X
Package
X
Device
Type
SO
PY
Q
Sm all Outline IC (SO20-2)
Shrink Small Outline Package (SO20-7)
Quarter-size Small Outline Package (SO20-8)
540AT
540CT
Fast CMOS Octal Buffer/Line Driver
- 40°C to +85°C
74


Similar Part No. - 74FCT540

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74FCT540AT RENESAS-74FCT540AT Datasheet
161Kb / 7P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
Feb.11.20
74FCT540ATQG RENESAS-74FCT540ATQG Datasheet
161Kb / 7P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
Feb.11.20
74FCT540ATQG8 RENESAS-74FCT540ATQG8 Datasheet
161Kb / 7P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
Feb.11.20
74FCT540ATSOG RENESAS-74FCT540ATSOG Datasheet
161Kb / 7P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
Feb.11.20
74FCT540ATSOG8 RENESAS-74FCT540ATSOG8 Datasheet
161Kb / 7P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
Feb.11.20
More results

Similar Description - 74FCT540

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540T IDT-74FCT540T Datasheet
50Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2240AT IDT-IDT74FCT2240AT Datasheet
65Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT_16 Datasheet
80Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT Datasheet
69Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
List of Unclassifed Man...
74FCT244T ETC2-74FCT244T Datasheet
318Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
Integrated Device Techn...
IDT54FCT244 IDT-IDT54FCT244 Datasheet
128Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com