Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74AHC1G66 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. 74AHC1G66
Description  Bilateral switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC1G66 Datasheet(HTML) 3 Page - NXP Semiconductors

  74AHC1G66 Datasheet HTML 1Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 2Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 3Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 4Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 5Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 6Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 7Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 8Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2002 Jun 06
3
Philips Semiconductors
Product specification
Bilateral switch
74AHC1G66; 74AHCT1G66
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level.
ORDERING INFORMATION
PINNING
INPUT E
SWITCH
L
OFF
HON
TYPE NUMBER
PACKAGE
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
MARKING
74AHC1G66GW
−40 to +125 °C
5
SC-88A
plastic
SOT353
AL
74AHCT1G66GW
−40 to +125 °C
5
SC-88A
plastic
SOT353
CL
74AHC1G66GV
−40 to +125 °C
5
SC-74A
plastic
SOT753
A66
74AHCT1G66GV
−40 to +125 °C
5
SC-74A
plastic
SOT753
C66
PIN
SYMBOL
DESCRIPTION
1
Y
independent input/output
2
Z
independent output/input
3
GND
ground (0 V)
4
E
enable input (active HIGH)
5VCC
supply voltage
handbook, halfpage
1
2
3
5
4
MNA074
66
VCC
Z
E
GND
Y
Fig.1 Pin configuration.
handbook, halfpage
MNA627
Y
Z
E
Fig.2 Logic symbol.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74LVQ4066 QUAD BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics
TC4066BP QUAD BILATERAL SWITCH 1  2  3  4  5  More Toshiba Semiconductor
2N4992 Silicon bilateral switch SBS in package TO-92 1  List of Unclassifed Manufacturers
IS620 OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC 1  2  3  List of Unclassifed Manufacturers
K105 Silicon Bilateral Voltage Triggered Switch 1  2  List of Unclassifed Manufacturers
CD4066BM Quad Bilateral Switch 1  2  3  4  5  More National Semiconductor (TI)
74V1G66 SINGLE BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics
TC4S66F BILATERAL SWITCH 1  2  3  4  5  More Toshiba Semiconductor
2N4993 Silicon bilateral switch SBS in package TO-92 1  List of Unclassifed Manufacturers
M74HC4066 QUAD BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn