Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC37M607 Datasheet(PDF) 2 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
Download  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 2 Page - SMSC Corporation

  FDC37M607 Datasheet HTML 1Page - SMSC Corporation FDC37M607 Datasheet HTML 2Page - SMSC Corporation FDC37M607 Datasheet HTML 3Page - SMSC Corporation FDC37M607 Datasheet HTML 4Page - SMSC Corporation FDC37M607 Datasheet HTML 5Page - SMSC Corporation FDC37M607 Datasheet HTML 6Page - SMSC Corporation FDC37M607 Datasheet HTML 7Page - SMSC Corporation FDC37M607 Datasheet HTML 8Page - SMSC Corporation FDC37M607 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 182 page
background image
2
-
Enhanced Parallel Port (EPP)
Compatible - EPP 1.7 and EPP 1.9
(IEEE 1284 Compliant)
-
IEEE 1284 Compliant Enhanced
Capabilities Port (ECP)
-
ChiProtect Circuitry for Protection
Against Damage Due to Printer
Power-On
-
480 Address, Up to 15 IRQ and Three
DMA Options
ISA Host Interface
-
16 Bit Address Qualification
-
8 Bit Data Bus
-
IOCHRDY for ECP
-
Three 8 Bit DMA Channels
-
Serial IRQ Compatible with Serialized
IRQ Support for PCI Systems
100 Pin QFP Package
GENERAL DESCRIPTION
The
FDC37M60x
with
IrDA
v1.0
support
incorporates a keyboard interface, SMSC's true
CMOS 765B floppy disk controller, advanced
digital data separator, two 16C550 compatible
UARTs, one Multi-Mode parallel port which
includes ChiProtect circuitry plus EPP and ECP,
on-chip 24 mA AT bus drivers, two floppy direct
drive
support,
and
Intelligent
power
management.
The
true
CMOS
765B
core
provides 100% compatibility with IBM PC/XT
and PC/AT architectures in addition to providing
data overflow and underflow protection.
The
SMSC
advanced
digital
data
separator
incorporates SMSC's patented data separator
technology, allowing for ease of testing and use.
Both on-chip UARTs are compatible with the
NS16C550. The parallel port is compatible with
IBM PC/AT architecture, as well as IEEE 1284
EPP and ECP.
The FDC37M60x incorporates
sophisticated power control circuitry (PCC). The
PCC supports multiple low power down modes.
The FDC37M60x supports the ISA Plug-and-
Play Standard (Version 1.0a) and provides the
recommended functionality to support Windows
'95.
The I/O Address, DMA Channel and
Hardware IRQ of each logical device in the
FDC37M60x may be reprogrammed through the
internal configuration registers. There are 480
I/O address location options, Serialized IRQ
interface, and three DMA channels.
The FDC37M60x does not require any external
filter components and is therefore easy to use
and offers lower system costs and reduced
board area.
The FDC37M60x is software and
register compatible with SMSC's proprietary
82077AA core.
IBM, PC/XT and PC/AT are registered trademarks and PS/2 is a trademark
of International Business Machines Corporation
SMSC is a registered trademark and Ultra I/O, ChiProtect, and Multi-Mode
are trademarks of Standard Microsystems Corporation


Similar Part No. - FDC37M607

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37M707 SMSC-FDC37M707 Datasheet
810Kb / 194P
   SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37M707 SMSC-FDC37M707 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
FDC37M707 SMSC-FDC37M707_07 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
logo
List of Unclassifed Man...
FDC37M70X ETC-FDC37M70X Datasheet
597Kb / 194P
   Enhanced Super I/O Controller with Wake-Up
logo
SMSC Corporation
FDC37M81 SMSC-FDC37M81 Datasheet
574Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
More results

Similar Description - FDC37M607

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37N3869 SMSC-FDC37N3869 Datasheet
725Kb / 136P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B727 SMSC-FDC37B727 Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37N769 SMSC-FDC37N769 Datasheet
720Kb / 138P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT FOR PORTABLE APPLICATIONS
FDC37N769 SMSC-FDC37N769_07 Datasheet
669Kb / 137P
   3.3V Super I/O Controller with Infrared Support for Portable Applications
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
logo
List of Unclassifed Man...
FDC37C67X ETC1-FDC37C67X Datasheet
531Kb / 194P
   Enhanced Super I/O Controller with Fast IR
logo
SMSC Corporation
37C672 SMSC-37C672 Datasheet
965Kb / 173P
   ENHANCED SUPER I/O CONTROLLER WITH FAST IR
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com